Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP802B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP802B
Description  Tri-state coding control IC / Encoder / Decoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LP802B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP802B Datasheet HTML 1Page - List of Unclassifed Manufacturers LP802B Datasheet HTML 2Page - List of Unclassifed Manufacturers LP802B Datasheet HTML 3Page - List of Unclassifed Manufacturers LP802B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2005-10-18
REV1.4
1 页 共 1 页
深圳市联德合微电子有限公司 TEL
:86-755-26982076
26983522
26983440
FAX
:86-755-26983407
SHENZHEN LAND-HOP MICRO-ELECTRONICS LTD.
三态编码控制 IC
FEATURES 功能叙述
LP801B 与 LP802B 是配对使用的遥控编码 IC;
可适用于 RF(射频)及 IR(红外)二种调制方式;
最大到 6 位数据管脚或 12 位三态地址管脚,共提供 531441(3
12)个地址码;
锁存型(L)和瞬态型(M)输出;
采用 DIP18 封装;
APPLICATION 产品应用
汽车安全系统、车库控制;
数码遥控门铃、遥控玩具、遥控风扇;
工业控制和家庭安全、自动控制等领域;
ELECTRICAL CHARACTERISTICS 电气规格
(Temperature:0℃to60℃,VSS=0V)
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作电压 Operating Voltage
VDD
2.5
9.0
13
V
工作电流 Operating Current
IOP
0.15
0.2
mA
VDD =12V , FOSC =22 KHz ,No load
静态电流 Quiescent Current
ISB
--
0.1
1
uA
VDD=9V
推动电流 Driving Current
IOD
2.0
mA
VDD =12V, VO=0.7V
振荡频率 Oscillator Frequency
FOSC
22
KHz
External±30%, ROSC=1.8M
工作温度 Operating Temperature
Temp
-20
25
75
APPLICATION DIARAM 参考电路
All specs and applications shown above subject to change without prior notice.
(以上电路及规格仅供参考,本公司得迳行修正.)
EN/DECODER
LP801B


Similar Part No. - LP802B

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LP802 POLYFET-LP802 Datasheet
35Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
logo
PCTEL, Inc.
LP802 PCTEL-LP802 Datasheet
412Kb / 4P
Smarteq™ LP80x-Series Low-Profile Antennas
September 19, 2023
logo
Polyfet RF Devices
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
More results

Similar Description - LP802B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M145026 STMICROELECTRONICS-M145026 Datasheet
587Kb / 13P
REMOTE CONTROL ENCODER/DECODER CIRCUIT
Oct-1993
logo
Princeton Technology Co...
PT2607 PTC-PT2607 Datasheet
73Kb / 3P
Remote Control Encoder IC
logo
UMC Corporation
UM3758 UMC-UM3758 Datasheet
651Kb / 18P
TRi-STATE ProgrammaBle Encoder/Decoder
logo
List of Unclassifed Man...
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
3-STATE ENCODER / DECODER
SD7017 ETC1-SD7017 Datasheet
1Mb / 7P
2-STATE ENCODER / DECODER
logo
Princeton Technology Co...
PT2264 PTC-PT2264 Datasheet
260Kb / 18P
Remote Control Encoder IC
logo
rfsolutions.ltd
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
Radio Encoder / Decoder IC?셲
logo
Princeton Technology Co...
PT2264 PTC-PT2264_06 Datasheet
380Kb / 19P
Remote Control Encoder IC
PT2607 PTC-PT2607_10 Datasheet
652Kb / 28P
Remote Control Encoder IC
logo
Motorola, Inc
MC145030 MOTOROLA-MC145030 Datasheet
198Kb / 8P
Remote Control Encoder/Decoder LSI CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com