Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP801B/802B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LP801B/802B
Description  Tri-state coding control IC / Encoder / Decoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LP801B/802B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LP801B/802B Datasheet HTML 1Page - List of Unclassifed Manufacturers LP801B/802B Datasheet HTML 2Page - List of Unclassifed Manufacturers LP801B/802B Datasheet HTML 3Page - List of Unclassifed Manufacturers LP801B/802B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2005-10-18
REV1.4
第
4 页 共 4 页
深圳市联德合微电子有限公司 TEL
:86-755-26982076
26983522
26983440
FAX
:86-755-26983407
SHENZHEN LAND-HOP MICRO-ELECTRONICS LTD.
三态编解码控制 IC
附注:与同类产品对照表
LP802B 与 LP801B,PT2262 振荡脚(OSCI,OSCO)电阻值比较表
状态
发射
接收
型号
LP801B
PT2262
LP802B
4.7M
Ω
1.5M
Ω
3.3M
Ω
1.2M
Ω
2.2M
Ω
820K
Ω
振荡电阻
1.8M
Ω
470K
Ω
注:在使用本资料之前请确认是否为最新版本。(REV1.4 为最新版本)
EN/DECODER
LP801B/802B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com