Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4737 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4737
Description  IR Broadband Emitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4737 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH4737 Datasheet HTML 3Page - OSRAM GmbH SFH4737 Datasheet HTML 4Page - OSRAM GmbH SFH4737 Datasheet HTML 5Page - OSRAM GmbH SFH4737 Datasheet HTML 6Page - OSRAM GmbH SFH4737 Datasheet HTML 7Page - OSRAM GmbH SFH4737 Datasheet HTML 8Page - OSRAM GmbH SFH4737 Datasheet HTML 9Page - OSRAM GmbH SFH4737 Datasheet HTML 10Page - OSRAM GmbH SFH4737 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SFH 4737
DATASHEET
DATASHEET
7 | Version 1.1 | 2022-02-22
Forward current 5), 6)
I
F = f (VF);
single pulse; t
p = 100 µs
2.7
2.8
2.9
3.0
3.1
[ ]
10
50
100
500
1000
[
]
Relative Total Radiant Flux 5), 6)
Φ
e/Φe(350mA) = f (IF); λ = 600 - 1050 nm;
single pulse; t
p = 100 µs
0.01
0.05 0.1
0.5
1
[ ]
0.05
0.1
0.5
1
Φ
Φ
Max. Permissible Forward Current
I
F,max = f (TS); Rthjs = 5.5K / W
0
20
40
60
80
[ ]
0.0
0.1
0.2
0.3
0.4
0.5
[ ]
Permissible Pulse Handling Capability
I
F = f (tp); duty cycle D = parameter; TS = 85°C
10-5 10-4 10-3 0.01 0.1
1
10
[ ]
0.0
0.2
0.4
0.6
0.8
1.0
[ ]
:D=1
:D=0,5
:D =0,2
:D =0,1
:D =0,05
:D =0,02
:D =0,01
:D =0,005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com