Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3CSFP81-C Datasheet(PDF) 2 Page - ATGBICS by Approved Technology

Part # 3CSFP81-C
Description  3CSFP81 3COM Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

3CSFP81-C Datasheet(HTML) 2 Page - ATGBICS by Approved Technology

  3CSFP81-C Datasheet HTML 1Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 2Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 3Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 4Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 5Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 6Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 7Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 8Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_3CSFP81-C_V2
Page 2 of 10
Product Datasheet
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Storage Temperature
TS
-40
+85
°C
Supply Voltage
VCC
-0.5
4
V
Relative Humidity
RH
0
85
%
Recommended Operating Environment:
Parameter
Symbol
Min.
Typical
Max.
Unit
Case operating Temperature
Industrial
TC
-40
85
°C
Extended
-5
85
°C
Commercial
0
+70
°C
Supply Voltage
VCC
3.135
3.465
V
Supply Current
Icc
300
mA
Inrush Current
Isurge
Icc+30
mA
Maximum Power
Pmax
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com