Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSH2000NIEO Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # HSH2000NIEO
Description  Lamps for Photolithography
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

HSH2000NIEO Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  HSH2000NIEO Datasheet HTML 1Page - PerkinElmer Optoelectronics HSH2000NIEO Datasheet HTML 2Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nikon NSR-2005 i8
SUV-2000NIL
PerkinElmer welcomes inquiries about special lamps. We would be pleased to discuss the requirements of your application and the feasibility of
designing a lamp specifically suited to your needs.
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto.
All values are nominal; specifications subject to change without notice.
© 2000 PerkinElmer inc. All rights reserved.
.
www.perkinelmer.com/opto
USA:
PerkinElmer Optoelectronics
44370 Christy St.
Fremont, CA 94538
Phone: (510) 979-6500
Fax: (510) 687-1140
Europe:
PerkinElmer Optoelectronics GmbH
Wenzel-Jaksch-Str. 31
65199 Wiesbaden
Germany
Phone: +49 611 492 0
Fax: +49 611 492 177
Asia:
PerkinElmer Optoelectronics
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 775 2022
Fax: +65 775 1008
Description
Power
Current
Voltage
Current Ripple
Temperature (at base)
Lifetime
Nominal
1750 watts
67 amps (DC)
26 volts (DC)
3%
220ºC (max)
2500 hours
Range
60-76 amps (DC)
23-29 volts (DC)
Operational Specifications
HSH2000NIEO
Physical Specifications
Description
Arc Gap
Anode Base
Cathode Base
Specification
4.5 mm (max)
27 mm Dia (M12-P1.75)
27 mm Dia and Cable
Typical Performance Graph
Notes
1.
Lamp must be operated with cathode end down and
anode end up. Inclination of lamp axis to vertical
must not exceed 10º.
Dimensions
Ø55 MAX
110
241 MAX
219
Spectral Output
ANODE (+)
END UP
CATHODE (-)
END DOWN
Part Number References
Used In
Replaces
Hours of Operation
Wavelength (nm)
All dimensions are in millimeters.
0
10
20
30
40
50
60
70
80
90
250
300
350
400
450
500
550
600
650
700
750
100
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
DS-85 Rev A 1101



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com