Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEM-211-C Datasheet(PDF) 9 Page - ATGBICS by Approved Technology

Part # DEM-211-C
Description  DEM-211 D-Link Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

DEM-211-C Datasheet(HTML) 9 Page - ATGBICS by Approved Technology

Back Button DEM-211-C Datasheet HTML 2Page - ATGBICS by Approved Technology DEM-211-C Datasheet HTML 3Page - ATGBICS by Approved Technology DEM-211-C Datasheet HTML 4Page - ATGBICS by Approved Technology DEM-211-C Datasheet HTML 5Page - ATGBICS by Approved Technology DEM-211-C Datasheet HTML 6Page - ATGBICS by Approved Technology DEM-211-C Datasheet HTML 7Page - ATGBICS by Approved Technology DEM-211-C Datasheet HTML 8Page - ATGBICS by Approved Technology DEM-211-C Datasheet HTML 9Page - ATGBICS by Approved Technology DEM-211-C Datasheet HTML 10Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_DEM-211-C_V2
Page 9 of 10
Product Datasheet
Regulatory Compliance
The DEM-211-C complies with international Electromagnetic Compatibility (EMC) and international safety
requirements and standards (see details in Table following).
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class 1(>1000 V)
Electrostatic Discharge (ESD)
to the Duplex LC Receptacle
IEC 61000-4-2
GR-1089-CORE
Compatible with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compatible with Class 1 laser
product.
Recommended Circuit
VCCT
Laser
Driver
100Ω
Amplifer
EEPROM
TX_Disable
TX_Fault
SFP Module
4K7 to10KΩ
Z=50Ω
Z=50Ω
Z=50Ω
RGND
RX_LOS
VCC(3.3V)
3X4K7 to10KΩ
VCC(3.3V)
100Ω
PECL
PECL
Host Board
Z=50Ω
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
4K7 to10KΩ
SFP Host Recommended Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com