Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1012DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1012DI
Description  EZBuck??3A Simple Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1012DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1012DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1012DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1012DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1012DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1012DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1012DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1012DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1012DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1012DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
^lwNMNOa
April 2006
www.aosmd.com
Page 2 of 17
Ordering Information
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1012DI
-40°C to +85°C
DFN-8
RoHS Compliant
Pin Configuration
1
2
3
4
8
7
6
5
VIN
AGND
COMP
LX
LX
EN
FB
PGND
LX
AGND
4X5 DFN
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply voltage input. When VIN rises above the UVLO threshold the
device starts up.
2
PGND
Power ground. Electrically needs to be connected to AGND.
3
AGND
Reference connection for controller section. Also used as thermal
connection for controller section. Electrically needs to be connected
to PGND.
4
FB
The FB pin is used to determine the output voltage via a resistor
divider between the output and GND.
5
COMP
External loop compensation pin.
6
EN
The enable pin is active high. Connect EN pin to VIN if not used. Do
not leave the EN pin floating.
7,8
LX
PWM output connection to inductor. Thermal connection for output
stage.
Absolute Maximum Ratings
(1)
Recommend Operating Ratings
(2)
Parameter
Units
Parameter
Units
Supply Voltage (V
IN)
18V
Supply Voltage (V
IN)
4.5V to 16V
LX to AGND
-0.7V to V
IN+0.3V
Output Voltage Range
0.8V to V
IN
EN to AGND
-0.3V to V
IN+0.3V
Ambient Temperature (T
A)
-40°C to +85°C
FB to AGND
-0.3V to 6V
COMP to AGND
-0.3V to 6V
Package Thermal Resistance
DFN-8 (
Θ
JA)
53° C/W
PGND to AGND
-0.3V to +0.3V
Junction Temperature (T
J)
+150°C
Storage Temperature (T
S)
-65°C to +150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com