Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLES025 Datasheet(PDF) 39 Page - Texas Instruments

Part # SLES025
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLES025 Datasheet(HTML) 39 Page - Texas Instruments

Back Button SLES025 Datasheet HTML 35Page - Texas Instruments SLES025 Datasheet HTML 36Page - Texas Instruments SLES025 Datasheet HTML 37Page - Texas Instruments SLES025 Datasheet HTML 38Page - Texas Instruments SLES025 Datasheet HTML 39Page - Texas Instruments SLES025 Datasheet HTML 40Page - Texas Instruments SLES025 Datasheet HTML 41Page - Texas Instruments SLES025 Datasheet HTML 42Page - Texas Instruments SLES025 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Appendix D
www.ti.com
Table 7. TLV320AIC3204EVM Bill of Materials (continued)
1
J23
10 pin SMT Socket Header
Samtec
SSW-105-22-F-
D-VS-K
14
W2, W3, W4, W5, W6, W7, W9, W10, W11,
2 Pin Thru-hole Plug Header
Samtec
TSW-102-07-L-
W12, W13, W15, W22, W23
(Jumper), 0 .1" spacing
S
5
W16, W17, W18, W19, W21
Bus Wire (18-22 Gauge)
4
W1, W8, W14, W20
3 Position Jumper , 0 .1" spacing
Samtec
TSW-103-07-L-
S
Installed
Installed per test procedure.
Header Shorting Block
Samtec
SNT-100-BK-T
per test
procedur
e.
ATTENTION: All components must be Rhos compliant. Some part numbers may be either leaded or Rhos. Verify that purchased
components are Rhos compliant.
36
TLV320AIC3204EVM Bill of Materials
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com