Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC810 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # LC810
Description  LC 810 High Density Power Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC810 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  LC810 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC810 Datasheet HTML 2Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.perkinelmer.com/opto
© 2001 PerkinElmer, Inc. All rights reserved.
.
For more information email us at opto@perkinelmer.com or visit our
web site at www.perkinelmer.com/opto
Note: All specifications subject to change without notice.
Nominal
28
155
270
Minimum
18
100
125
Maximum
50
250
440
Applicable
Specs
MIL-STD-704
MIL-STD-1275
MIL-STD-1399
MIL-STD-704
DC Input Voltage Characteristics
USA:
PerkinElmer Optoelectronics
1330 E. Cypress St.
Covina, CA 91724
P: (626) 967-9521
F: (626) 967-3151
Other DC Output Characteristics
Output Transient Response (50% step load, normal line)
<150 µSec; Max Excursion ±10%VO
Line Transient Response (min. to max. line)
<150 µSec; Max Excursion ±5%VO
Turn-on/off Time (Power on/off and Remote on/off)
10 mSec
Output Adjust
±5% nominal VO
Parallel Operation Current Sharing
±10% rated load – Output 1
Output Sense Range
0.5Vdc from nominal – Output 1
Temperature Drift (average over operating range)
0.02% VO/°C – Output 1
LC 810 High Density Power Converter
Notes: (1) Output Nos. 2 and 3 track in proportion to Output No. 1
(2) Output No. 1 has a 2.0 Amp minimum load; Outputs Nos. 2 and 3 have a minimum load of 0.3 Amp. Outputs Nos. 2 and 3 are isolated and
parallelable. Maximum combined output for Outputs Nos. 1, 2 and 3 is 125 W.
General Characteristics
Isolation
Input to output and to chassis: 1 µA@ 750Vdc
Output to chassis: 1 µA@ 50Vdc
Operating Baseplate Temperature Range
-55°C to +85°C
Efficiency (rated load)
> 80% typical
Reliability Prediction
124,000 hours MTBF, 65°C baseplate, AUF
(single output configuration
217,000 hours MTBF, 65°C baseplate, GM
@ 100W, MIL-HDBK-217F)
345,000 hours MTBF, 65°C baseplate, NS
3,680,000 hours MTBF, 25°C baseplate, GB
No. of
Outputs
1
2
3
Output
No.
1
1
2
1
2
1
2&3
1
2&3
1
2&3
Output
Voltage
3.3V, 5V, 6V,
12V, 15V, 28V
and 40V
+15V
-15V
+12V
-12V
5V
+/-12V
5V
+/-15V
5V
+/-19V
Voltage
Set Point
VO +/- 1%
VO +/- 1%
VO +/- 1%
VO +/- 1%
note (1)
VO +/- 1%
note (1)
VO +/- 1%
note (1)
Current
Limit,
Max.
150%
of rated
current
5.0A
5.0A
7.8A
7.8A
38.0A
3.0A
38.0A
3.0A
38.0A
3.0A
Over-
voltage
Protection
110%-135%VO
110%-135%VO
110%-135%VO
110%-135%VO
110%-135%VO
110%-135%VO
Load
Regulation
(No load to
rated load)
0.5%VO
3.0%VO
3.0%VO
0.5%VO
cross regulated
0.5%VO
cross regulated
0.5%VO
cross regulated
Line
Regulation
0.5%VO
3.0%VO
3.0%VO
0.5%VO
cross regulated
0.5%VO
cross regulated
0.5%VO
cross regulated
Rated
Power
up to 150W
62W
62W
62W
62W
77W note (2)
24W ea. note (2)
65W note (2)
30W ea. note (2)
50W note (2)
38W ea. note (2)
DC Output Characteristics
Ripple &
Noise
(0-20 MHz)
2% P-P,rated load
2% P-P,rated load
2% P-P,rated load
2% P-P,rated load
4% P-P,rated load2%
P-P,rated load
4% P-P,rated load2%
P-P,rated load
4% P-P,rated load
.510 ± .007
.275 ± 125
3.450
3.25
2.300
1.150
.95
2.00
+IN
ON/OFF
SYNC
PARALLEL
-IN
CUST PIN
PERKINELMER PIN
INPUT DC
DATE CODE
SERIAL NO
-V OUT
-V SENSE
V ADJ
+V SENSE
+V OUT
.05
.40
.70
1.00
1.40
1.500
1.750
.250
Ø.080 PIN
2 PL
4.60
Ø.156
(#6-32 INSERTS OPTIONAL)
Ø.040 PIN
8 PL
LC810
Outline Dimensions
DS-243 Rev A 0901



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com