Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT45B Datasheet(PDF) 1 Page - TDK Electronics

Part # ACT45B
Description  Common Mode Filters SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45B Datasheet(HTML) 1 Page - TDK Electronics

  ACT45B Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• All specifications are subject to change without notice.
(1/1)
001-03 / 20040824 / e9711_act45b.fm
EMC Components
ACT Series ACT45B Type
Common Mode Filters
SMD
FEATURES
• Operating temperature range covers from –40 to +150°C.
• Non-dissolution of the abutment amounts in circuit board mount-
ing.
• The products contain no lead and also support lead-free solder-
ing.
• This product does not contain regulated substances that are
slated to be included in RoHS.
APPLICATIONS
CAN-BUS system, facsimiles, modems, ISDN
PACKAGING STYLE AND QUANTITIES
PRODUCT IDENTIFICATION
(1) Series name
(2) Product identification number
(3) Number of line
2P: 2-line
(4) Packaging style
TL: ø330mm reel taping
SHAPES AND DIMENSIONS
CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
ACT45B-510-2P
Packaging style
Quantity
Taping
2000 pieces/reel
ACT45B - 510 - 2P - TL
(1)
(2)
(3)
(4)
Part No.
Common mode impedance
(
Ω)[10MHz]
DC resistance
(
Ω)max.
Rated current
(A)max.
Insulation resistance
(M
Ω)min.
Rated voltage
(V)max.
min.
typ.
ACT45B-510-2P
1000
2000
1.0
0.2
100
50
4.5
±0.2
1
2
4
3
0.65
±0.1
0.7
±0.1
Weight: 0.14g
Dimensions in mm
Dimensions in mm
5.9
3.2
1
2
4
3
1
10
100
1000
10000
1000
100
100
10
Frequency(MHz)
Common mode
Differential mode


Similar Part No. - ACT45B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
40Kb / 2P
Common Mode Filters(SMD) For CAN-BUS
logo
EPCOS
ACT45B EPCOS-ACT45B Datasheet
544Kb / 7P
ACT45B common-mode chokes for CAN bus systems, EIA 1812 51 ... 100 關H, 150 ... 200 mA
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45B TDK-ACT45B Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45B TDK-ACT45B Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
More results

Similar Description - ACT45B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZCYS TDK-ZCYS Datasheet
51Kb / 2P
Common Mode Filters(SMD) For xDSL
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
SMD Common Mode Filters
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
COMMON MODE FILTERS
logo
TDK Electronics
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
Common Mode Filters
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
Common Mode Filters
ACM7060-701-2PL-TL TDK-ACM7060-701-2PL-TL Datasheet
91Kb / 3P
Common Mode Filters(SMD)
logo
STMicroelectronics
AN4511 STMICROELECTRONICS-AN4511 Datasheet
4Mb / 21P
Common mode filters
29-Jul-2014
logo
TDK Electronics
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
Common mode filters
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
Common mode filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com