Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF9.02.02 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CF9.02.02
Description  CABLE 4COND 20AWG BLUE 1=1FT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CF9.02.02 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CF9.02.02 Datasheet HTML 1Page - List of Unclassifed Manufacturers CF9.02.02 Datasheet HTML 2Page - List of Unclassifed Manufacturers CF9.02.02 Datasheet HTML 3Page - List of Unclassifed Manufacturers CF9.02.02 Datasheet HTML 4Page - List of Unclassifed Manufacturers CF9.02.02 Datasheet HTML 5Page - List of Unclassifed Manufacturers CF9.02.02 Datasheet HTML 6Page - List of Unclassifed Manufacturers CF9.02.02 Datasheet HTML 7Page - List of Unclassifed Manufacturers CF9.02.02 Datasheet HTML 8Page - List of Unclassifed Manufacturers CF9.02.02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
09/2020
Guarantee
month guarantee
REACH
© igus® GmbH. Subject to misprints and errors. Technical modifications are possible at any time. Maybe older batches do not have all or
other features. Please refer regarding the availability of the items especially the information in the latest chainflex® catalogue.
Data sheet
Control cable (Class 7.6.4.2) l For heaviest duty applications l TPE outer jacket l Oil and
bio-oil resistant l PVC and halogen-free l Low-temperature-flexible l Hydrolysis and
microbe-resistant
chainflex® CF9
Technical tables:
Mechanical information
Part No.
Number of cores and conductor
nominal cross section
Outer diameter (d) max.
Copper
index
Weight
[mm²]
[mm]
[kg/km]
[kg/km]
CF9.02.02
2x0.25
4.5
6
18
CF9.02.03.INI
3x0.25
4.5
9
22
CF9.02.06
6x0.25
5.5
16
36
CF9.02.07
7x0.25
6.5
18
42
CF9.02.08
8x0.25
6.5
21
48
CF9.02.12
12x0.25
8.0
31
71
CF9.02.18
18x0.25
9.0
46
100
CF9.02.20
20x0.25
9.5
50
108
CF9.02.25
25x0.25
10.5
63
137
CF9.03.04.INI
4x0.34
5.0
15
31
CF9.03.05.INI
5x0.34
5.5
18
37
CF9.03.06
6x0.34
6.0
21
42
CF9.03.08
8x0.34
7.0
29
56
CF9.03.16.07.03.INI
16x0.34+3x0.75
11.0
77
152
CF9.05.02
2x0.5
5.0
11
26
CF9.05.03
3x0.5
5.0
16
32
CF9.05.04
4x0.5
5.5
21
39
CF9.05.05
5x0.5
6.0
25
47
CF9.05.07
7x0.5
7.0
36
65
CF9.05.12
12x0.5
10.0
61
115
CF9.05.18
18x0.5
11.5
91
169
CF9.05.25
25x0.5
13.0
124
223
CF9.05.36
36x0.5
15.5
179
316
CF9.07.04
4G0.75
6.0
31
55
CF9.07.05
5G0.75
6.5
38
65
CF9.07.07
7G0.75
8.0
54
90
CF9.07.12
12G0.75
10.5
91
162
CF9.07.20
20G0.75
13.0
149
253
CF9.07.25
25G0.75
14.5
186
315
CF9.10.03
3G1.0
6.0
31
52
CF9.10.04
4G1.0
6.5
41
67
CF9.10.05
5G1.0
7.5
50
81
CF9.10.12
12G1.0
11.5
120
203
CF9.10.18
18G1.0
14.0
179
297
CF9.10.25
25G1.0
16.5
248
420
Note: The given outer diameters are maximum values and may tend toward lower tolerance limits.
G = with green-yellow earth core x = without earth core



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com