Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC15F Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # LDC15F
Description  AC-DC Power Supplies Open Frame/Enclosed Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

LDC15F Datasheet(HTML) 2 Page - COSEL CO., LTD.

  LDC15F Datasheet HTML 1Page - COSEL CO., LTD. LDC15F Datasheet HTML 2Page - COSEL CO., LTD. LDC15F Datasheet HTML 3Page - COSEL CO., LTD. LDC15F Datasheet HTML 4Page - COSEL CO., LTD. LDC15F Datasheet HTML 5Page - COSEL CO., LTD. LDC15F Datasheet HTML 6Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LDC-3
¡DERATING CURVE
¡OVERCURRENT CHARACTERISTICS (LDC15F-1)
¡RISE TIME & FALL TIME (LDC15F-1)
¡STATIC CHARACTERISTICS (LDC15F-1)
External view
¶ Weight: 150g max(with chassis & cover : 300g max)
¶ Tolerance: t1[t0.04]
¶ Dimensions in mm,[ ]=inches
¶ PCB Material: Glass composite(CEM3)
¶ Chassis and cover is optional.
¶ Mounting torque: 0.6N·m(6.3kgf·cm)max
4-f3.5 [0.14]
f
3.5 [0.14]
127 [5]
147 [5.79]
19 [0.95]
PCB t=1.6 [0.06]
3.5
[0.14]
6 [0.24]
6 [0.24]
f
3.5
[0.14]
120±0.5 [4.72]
135±0.5 [5.31]
135±0.5 [5.31]
Performance data
LDC15F
March 13, 2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com