Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA15F Datasheet(PDF) 4 Page - COSEL CO., LTD.

Part # PLA15F
Description  AC-DC Power Supplies Enclosed Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PLA15F Datasheet(HTML) 4 Page - COSEL CO., LTD.

  PLA15F Datasheet HTML 1Page - COSEL CO., LTD. PLA15F Datasheet HTML 2Page - COSEL CO., LTD. PLA15F Datasheet HTML 3Page - COSEL CO., LTD. PLA15F Datasheet HTML 4Page - COSEL CO., LTD. PLA15F Datasheet HTML 5Page - COSEL CO., LTD. PLA15F Datasheet HTML 6Page - COSEL CO., LTD. PLA15F Datasheet HTML 7Page - COSEL CO., LTD. PLA15F Datasheet HTML 8Page - COSEL CO., LTD. PLA15F Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PLA-5
PLA30F
External view
Features
Block diagram
FG
OVER VOLTAGE
PROTECTION
RECTIFIER
AND
FILTER
DC OUT
FUSE
AC250V 3.15A
CONTROL
CONTROL
INVERTER
AC IN 85 - 264V
TRANSFORMER
Photocoupler
Photocoupler
OVER CURRENT
SENSING
NOISE
FILTER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
- Compact design (Depth: 88mm 3.46inches)
- UL508 approved (Except option -J), and complies with SEMI F47
- Various connection interface options (vertical terminal [-T], AMP connector [-J])
*1 This is the result of measurement of the testing board with capacitors of 22mF and 0.1mF placed at 150
mm from the output terminals by a 20 MHz oscilloscope or a ripple-noise meter equivalent to Keisoku-
Giken RM103.
See 1.6 of Instruction Manual for more details.
*2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
*3 As for DC input, consult us for advice.
*4 Consult us about dynamic load and input response.
*5 Output power derating is required. See 3.2 in Instruction Manual.
*6 See 3.3 in Instruction Manual for more details.
*7 Consult us about safety agency approvals for the models with optional functions.
*8 Consult us about other classes.
*
Do not use the power supply in overcurrent conditions or in unspecified input voltage ranges.
Otherwise the internal components may be damaged.
*
Parallel operation is not possible with this mode.
*
Sound noise may be heard from the power supply when used for pulse load.
OTHERS
CASE SIZE/WEIGHT
38X80X88mm [1.50X3.15X3.46 inches] (Excluding terminal block and screw) (WXHXD) / 330g max
COOLING METHOD
Convection
WARRANTY WARRANTY
*6
5 years (subject to the operating conditions)
SPECIFICATIONS
TB1
M3.5
AC(L)
AC(N)
FG( )
Output terminal(-)
Output terminal(+)
Output voltage
adjustable potentiometer
Name plate
Mounting hole
2-M3
Terminal cover
[0.49]
[1.5]
[1.61]
12.5max
38
41 ±0.5
Mounting hole
(Bottom side)
2-M3
Point A
[3.46]
[2.46]
[0.75]
62.5 ±0.5
88
19
¶ Tolerance : ±1 [±0.04]
¶ Weight : 330g max
¶ PCB Material/thickness : CEM-3 / 1.6mm [0.06inches]
¶ Chassis material : Electric galvanizing steel board
¶ Case material : Electric galvanizing steel board
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque : 0.6N-m max
¶ Screw tightening torque : 1.0N-m max
[0.46]
(Potentiometer)
11.6±1.5
[0.6]
(LED)
15.3 ±1.5
[0.55]
14 ±1.5
LED
April 17, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com