Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFL Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MFL
Description  SMD current sensing resistor- metal film
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFL Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MFL Datasheet HTML 1Page - Eaton All Rights Reserved. MFL Datasheet HTML 2Page - Eaton All Rights Reserved. MFL Datasheet HTML 3Page - Eaton All Rights Reserved. MFL Datasheet HTML 4Page - Eaton All Rights Reserved. MFL Datasheet HTML 5Page - Eaton All Rights Reserved. MFL Datasheet HTML 6Page - Eaton All Rights Reserved. MFL Datasheet HTML 7Page - Eaton All Rights Reserved. MFL Datasheet HTML 8Page - Eaton All Rights Reserved. MFL Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data ELX1181
Effective June 2022
MFL
SMD current sensing resistor- metal film
Pb
HALOGEN
HF
FREE
Table 1. Part numbering configuration scheme
MFL xxxx Rxxxx * ?
Family name
MFL
Footprint EIA option
0402, 0603, 0805, 1206, 1210
Resistance option
Rxxxx = xxx.x mΩ
ex: R1000 = 100.0 mΩ
Power rating option
P = 1/16 W, B = 1/8 W,
A = 1/4 W, S = 1/2 W
Resistance tolerance option
F = ±1%
Product features
•
Low sensing resistance
•
0402 (1005 metric) to 1210 (3225 metric)
•
High power dissipation
•
Moisture sensitivity level (MSL): 1
Applications
•
Switched-mode power supply (SMPS)
•
Voltage regulator module
•
Power management
•
Stepper motor drives
Environmental compliance
See electrical specification table for option details


Similar Part No. - MFL

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MFL-230AC FESTO-MFL-230AC Datasheet
65Kb / 1P
Indicating insert
MFL-24AC FESTO-MFL-24AC Datasheet
64Kb / 1P
Indicating insert
MFL-24DC FESTO-MFL-24DC Datasheet
64Kb / 1P
Indicating insert
MFL-24DC/AC FESTO-MFL-24DC/AC Datasheet
64Kb / 1P
Indicating insert
logo
Interpoint Corporation ...
MFL2805D INTERPOINT-MFL2805D Datasheet
182Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MFL

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSRT SEI-CSRT Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
CSR SEI-CSR Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
logo
Eaton All Rights Reserv...
MSMA EATON-MSMA Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MSNA EATON-MSNA Datasheet
562Kb / 6P
SMD current sensing resistor- metal strip
June 2022
MST EATON-MST Datasheet
543Kb / 5P
SMD current sensing resistor- metal strip
June 2022
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
MFHA EATON-MFHA Datasheet
599Kb / 6P
SMD current sensing resistor-metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
SMD current sensing resistor- metal film
June 2022
MFSA EATON-MFSA Datasheet
722Kb / 7P
SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com