Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA300F Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # PLA300F
Description  AC-DC Power Supplies Enclosed Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PLA300F Datasheet(HTML) 2 Page - COSEL CO., LTD.

  PLA300F Datasheet HTML 1Page - COSEL CO., LTD. PLA300F Datasheet HTML 2Page - COSEL CO., LTD. PLA300F Datasheet HTML 3Page - COSEL CO., LTD. PLA300F Datasheet HTML 4Page - COSEL CO., LTD. PLA300F Datasheet HTML 5Page - COSEL CO., LTD. PLA300F Datasheet HTML 6Page - COSEL CO., LTD. PLA300F Datasheet HTML 7Page - COSEL CO., LTD. PLA300F Datasheet HTML 8Page - COSEL CO., LTD. PLA300F Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PLA-3
PLA15F
External view
Features
*1 This is the result of measurement of the testing board with capacitors of 22mF and 0.1mF placed at 150
mm from the output terminals by a 20 MHz oscilloscope or a ripple-noise meter equivalent to Keisoku-
Giken RM103.
See 1.6 of Instruction Manual for more details.
When the load factor is 0 - 35%, the switching power loss is reduced by burst operation, which will
cause ripple and ripple noise to go beyond the specifications.
*2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
*3 As for DC input, consult us for advice.
*4 Consult us about dynamic load and input response. Measure the output voltage by using the average mode
of the tester to deal with the burst operation at 35% load or less.
*5 Output power derating is required. See 3.2 in Instruction Manual.
*6 See 3.3 in Instruction Manual for more details.
*7 Consult us about safety agency approvals for the models with optional functions.
*8 Consult us about other classes.
*
Do not use the power supply in overcurrent conditions or in unspecified input voltage ranges.
Otherwise the internal components may be damaged.
*
Parallel operation is not possible with this mode.
*
Sound noise may be heard from the power supply when used for pulse load.
Block diagram
OTHERS
CASE SIZE/WEIGHT
38X80X73mm [1.50X3.15X2.87 inches] (Excluding terminal block and screw) (WXHXD) / 250g max
COOLING METHOD
Convection
WARRANTY WARRANTY
*6
5 years (subject to the operating conditions)
FG
OVER VOLTAGE
PROTECTION
RECTIFIER
AND
FILTER
DC OUT
FUSE
AC250V 2.5A
CONTROL
TRANSFORMER
Photocoupler
Photocoupler
CONTROL
INVERTER
OVER CURRENT
SENSING
AC IN 85 - 264V
NOISE
FILTER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
- Compact design (Depth: 73mm 2.87inches)
- Low power consumption (1.0W typ AC240Vin, no load at standard model)
- UL508 approved (Except option -J), and complies with SEMI F47
- Various connection interface options (vertical terminal [-T], AMP connector [-J])
SPECIFICATIONS
Output voltage
adjustable potentiometer
Output terminal(+)
Output terminal(-)
FG( )
AC(N)
AC(L)
M3.5
TB1
[0.49]
Name plate
Terminal cover
12.5max
[1.81]
[0.71]
Mounting hole
2-M3
18
46 ±0.5
[2.87]
[1.4]
[0.71]
73
18
35.5 ±0.5
Point A
Mounting hole
(Bottom side)
2-M3
¶ Tolerance : ±1 [±0.04]
¶ Weight : 250g max
¶ PCB Material/thickness : CEM-3 / 1.6mm [0.06inches]
¶ Chassis material : Electric galvanizing steel board
¶ Case material : Electric galvanizing steel board
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque : 0.6N-m max
¶ Screw tightening torque : 1.0N-m max
[0.55]
14 ±1.5
[0.6]
(LED)
15.3 ±1.5
[0.46]
(Potentiometer)
11.6 ±1.5
LED
April 17, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com