Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFSA0805 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # MFSA0805
Description  SMD current sensing resistor-metal foil
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFSA0805 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  MFSA0805 Datasheet HTML 1Page - Eaton All Rights Reserved. MFSA0805 Datasheet HTML 2Page - Eaton All Rights Reserved. MFSA0805 Datasheet HTML 3Page - Eaton All Rights Reserved. MFSA0805 Datasheet HTML 4Page - Eaton All Rights Reserved. MFSA0805 Datasheet HTML 5Page - Eaton All Rights Reserved. MFSA0805 Datasheet HTML 6Page - Eaton All Rights Reserved. MFSA0805 Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Technical Data ELX1180
Effective June 2022
MFSA
SMD current sensing resistor-metal foil
www.eaton.com/electronics
Electrical specifications
Part number
Size
Grade
option
Resistance value mΩ
(Part number code)
Resistance tolerance
(Part number code)
Power rating
(Part number code)
TCR
(ppm/°C)
Operating
temperature
MFS@0508Rxxxx*?M
0508 (1220 metric)
A
5 (0050)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@0508Rxxxx*?M
0508 (1220 metric)
A
10 (0100)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
2 (0020)
±1% (F)
1.5 W (D)
± 75
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
3 (0030)
±1% (F)
1.5 W (D)
± 75
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
4 (0040)
±1% (F)
1.5 W (D)
± 75
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
5 (0050)
±1% (F)
1.5 W (D)
± 50
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
6 (0060)
±1% (F)
1.5 W (D)
± 50
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
6.5 (0065)
±1% (F)
1.5 W (D)
± 50
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
7 (0070)
±1% (F)
1.5 W (D)
± 50
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
8 (0080)
±1% (F)
1.5 W (D)
± 50
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
9 (0090)
±1% (F)
1.5 W (D)
± 50
-55 °C to +155 °C
MFS@0612Rxxxx*?M
0612 (1632 metric)
A
10 (0100)
±1% (F)
1.5 W (D)
± 50
-55 °C to +155 °C
@= Enter grade option code from table above (A=Automotive)
Rxxxx = Eneter resistance code option from table above xxxx= resistance code (xxx.x mΩ ex: R0100 = 10.0 mΩ)
*= Enter resistance tolerance code option from table above (F= ±1%)
?= Enter power rating code option from table above (A =1/4 W, S =1/2 W, I =3/4 W, C =1 W, D = 1.5 W)
M=MnCu (Metal material)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com