Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFSA0508 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MFSA0508
Description  SMD current sensing resistor-metal foil
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFSA0508 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MFSA0508 Datasheet HTML 1Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 2Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 3Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 4Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 5Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 6Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data ELX1180
Effective June 2022
MFSA
SMD current sensing resistor-metal foil
Pb
HALOGEN
HF
FREE
Table 1. Part numbering configuration scheme
MFS @ xxxx Rxxxx * ? M
Family name
MFS
Grade option
A = Automotive grade
Footprint EIA option
0402, 0603, 0805, 1206
0508 = 0805 wide terminal
0612= 1206 wide terminal
Resistance option
Rxxxx = xxx.x mΩ
ex: R0100 = 10.0 mΩ
Metal material option
M = MnCu
Power rating option
A =1/4 W, S =1/2 W,
I =3/4 W, C =1 W,
D = 1.5 W
Resistance tolerance option
F = ±1%
Product features
•
Low sensing resistance
•
0402 (1005 metric) to 1206 (3216 metric)
•
High power dissipation
•
AEC-Q200 compliant
•
Moisture sensitivity level (MSL): 1
Applications
•
Switched-mode power supply (SMPS)
•
Voltage regulator module
•
Power management
•
Stepper motor drives
Environmental compliance
See electrical specification table for option details


Similar Part No. - MFSA0508

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MFS COPAL-MFS Datasheet
891Kb / 9P
Sub-miniature Switches
logo
M-System Co.,Ltd.
MFS MSYSTEM-MFS Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
logo
KITAGAWA GmbH
MFS-1000 KGS-MFS-1000 Datasheet
332Kb / 1P
Snap-mount clip for flat cables
logo
M-System Co.,Ltd.
MFS-P-444-B MSYSTEM-MFS-P-444-B Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
MFS-P-444-B/Q MSYSTEM-MFS-P-444-B/Q Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MFSA0508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
Bourns Electronic Solut...
CFN0402A BOURNS-CFN0402A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
CFN-A BOURNS-CFN-A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
logo
Eaton All Rights Reserv...
MSMA EATON-MSMA Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MSNA EATON-MSNA Datasheet
562Kb / 6P
SMD current sensing resistor- metal strip
June 2022
MST EATON-MST Datasheet
543Kb / 5P
SMD current sensing resistor- metal strip
June 2022
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
MFHA EATON-MFHA Datasheet
599Kb / 6P
SMD current sensing resistor-metal film
June 2022
MFL EATON-MFL Datasheet
613Kb / 9P
SMD current sensing resistor- metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
SMD current sensing resistor- metal film
June 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com