Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRPM Datasheet(PDF) 2 Page - Glenair, Inc.

Part # GRPM
Description  Micro-D GRPM-CBR Right Angle Rear Panel Mount Wide Flange Printed Circuit Board Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GRPM Datasheet(HTML) 2 Page - Glenair, Inc.

  GRPM Datasheet HTML 1Page - Glenair, Inc. GRPM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Glenair, Inc.
High Performance Micro-D Connectors and Cables
U.S. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-5
E-Mail: sales@glenair.com
C
Table I: Dimensions
Layout
A
B ± .003
C Max
D
E Max
F
G Max
H
J
K Max
L Max
in.
± .005
mm.
± .13
in.
± .003
mm.
± .08
in.
mm.
in.
± .005
mm.
± .13
in.
mm.
in.
± .003
mm.
± .08
in.
mm.
in.
± .010
mm.
± .25
in.
± .010
mm.
± .25
in.
mm.
in.
mm.
9P
.960 24.38 .565 14.35 .334 8.48 .480 12.19 .184 4.67 .183 4.65 .625 15.88 .425 10.80 .445 11.30 .787 19.99 .310 7.87
9S
.960 24.38 .565 14.35 .400 10.16 .480 12.19 .250 6.35 .195 4.95 .625 15.88 .425 10.80 .445 11.30 .787 19.99 .310 7.87
15P 1.110 28.19 .715 18.16 .484 12.29 .480 12.19 .184 4.67 .183 4.65 .625 15.88 .325 8.25 .445 11.30 .937 23.80 .310 7.87
15S 1.110 28.19 .715 18.16 .550 13.97 .480 12.19 .250 6.35 .195 4.95 .625 15.88 .325 8.25 .445 11.30 .937 23.80 .310 7.87
21P 1.260 32.00 .865 21.97 .634 16.10 .480 12.19 .184 4.67 .183 4.65 .625 15.88 .325 8.25 .445 11.30 1.087 27.61 .310 7.87
21S 1.260 32.00 .865 21.97 .700 17.78 .480 12.19 .250 6.35 .195 4.95 .625 15.88 .325 8.25 .445 11.30 1.087 27.61 .310 7.87
25P 1.360 34.54 .965 24.51 .734 18.64 .480 12.19 .184 4.67 .183 4.65 .625 15.88 .325 8.25 .445 11.30 1.187 30.15 .310 7.87
25S 1.360 34.54 .965 24.51 .800 20.32 .480 12.19 .250 6.35 .195 4.95 .625 15.88 .325 8.25 .445 11.30 1.187 30.15 .310 7.87
31P 1.510 38.35 1.115 28.32 .884 22.45 .480 12.19 .184 4.67 .183 4.65 .725 18.42 .325 8.25 .445 11.30 1.337 33.96 .310 7.87
31S 1.510 38.35 1.115 28.32 .950 24.13 .480 12.19 .250 6.35 .195 4.95 .725 18.42 .325 8.25 .445 11.30 1.337 33.96 .310 7.87
37P 1.660 42.16 1.265 32.13 1.034 26.26 .480 12.19 .184 4.67 .183 4.65 .725 18.42 .325 8.25 .445 11.30 1.487 37.77 .310 7.87
37S 1.660 42.16 1.265 32.13 1.100 27.94 .480 12.19 .250 6.35 .195 4.95 .725 18.42 .325 8.25 .445 11.30 1.487 37.77 .310 7.87
51-2P 2.010 51.05 1.615 41.02 1.384 35.15 .480 12.19 .184 4.67 .183 4.65 .725 18.42 .325 8.25 .445 11.30 1.837 46.66 .310 7.87
51-2S 2.010 51.05 1.615 41.02 1.450 36.83 .480 12.19 .250 6.35 .195 4.95 .725 18.42 .325 8.25 .445 11.30 1.837 46.66 .310 7.87
51P 1.660 42.16 1.215 30.86 0.984 24.99 .525 13.34 .224 5.69 .183 4.65 .860 21.84 .345 8.76 .495 12.57 1.435 36.45 .351 8.92
51S 1.660 42.16 1.215 30.86 1.050 26.67 .525 13.34 .293 7.44 .195 4.95 .860 21.84 .345 8.76 .495 12.57 1.435 36.45 .351 8.92
69P 1.960 49.78 1.515 38.48 1.284 32.61 .525 13.34 .224 5.69 .183 4.65 .860 21.84 .345 8.76 .495 12.57 1.740 44.20 .351 8.92
69S 1.960 49.78 1.515 38.48 1.350 34.29 .525 13.34 .293 7.44 .195 4.95 .860 21.84 .345 8.76 .495 12.57 1.740 44.20 .351 8.92
75P 2.150 54.61 1.705 43.31 1.384 35.15 .525 13.34 .224 5.69 .183 4.65 .920 23.37 .395 10.03 .595 15.11 2.090 53.09 .351 8.92
75S 2.150 54.61 1.705 43.31 1.450 36.83 .525 13.34 .293 7.44 .195 4.95 .920 23.37 .395 10.03 .595 15.11 2.090 53.09 .351 8.92
100P 2.385 60.58 1.800 45.72 1.384 35.15 .600 15.24 .270 6.86 .183 4.65 1.210 30.73 .395 10.03 .595 15.11 2.175 55.25 .394 10.01
100S 2.385 60.58 1.800 45.72 1.451 36.86 .600 15.24 .333 8.46 .195 4.95 1.210 30.73 .395 10.03 .595 15.11 2.175 55.25 .394 10.01
130P 2.735 69.47 2.150 54.61 1.735 44.07 .600 15.24 .270 6.86 .183 4.65 1.210 30.73 .395 10.03 .595 15.11 2.520 64.01 .394 10.01
130S 2.735 69.47 2.150 54.61 1.795 45.60 .600 15.24 .333 8.46 .195 4.95 1.210 30.73 .395 10.03 .595 15.11 2.520 64.01 .394 10.01
Micro-D GRPM-CBR
Right Angle Rear Panel Mount
Wide Flange Printed Circuit Board Connectors
PIN 1
SKT 1
B
A
D
E MAX
B
K
C MAX
F
G
H
J
L
24 AWG (ø.020)
SOLDER DIPPED LEADS
.093
Rev. 3.16.20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com