| Electronic Components Datasheet Search |
|
F4MP Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
F4MP Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 37 page ![]() PTN3355 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 3.1 — 4 November 2016 21 of 37 NXP Semiconductors PTN3355 Low power DP to VGA adapter with integrated 1 : 2 VGA switch 13.3 DisplayPort receiver AUX CH [1] Ref. 1 supersedes in case of any mismatch of specification items. [2] Results in the bit rate of 1 Mbit/s including the overhead of Manchester II coding. [3] Maximum allowable UI variation within a single transaction at connector pins of a transmitting device. Equal to 24 ns maximum. The transmitting device is a source device for a request transaction and a sink device for a reply transaction. [4] Maximum allowable UI variation within a single transaction at connector pins of a receiving device. Equal to 30 ns maximum. The transmitting device is a source device for a request transaction and a sink device for a reply transaction. [5] VAUX_DIFFp-p = 2 VAUX+ VAUX. [6] Common-mode voltage is equal to Vbias_TX (or Vbias_RX) voltage. [7] Steady-state common-mode voltage shift between transmit and receive modes of operation. [8] Total drive current of the transmitter when it is shorted to its ground. [9] The AUX CH AC coupling capacitor placed both on the DisplayPort source and sink devices. Table 16. DisplayPort receiver AUX CH characteristics[1] Over operating free-air temperature range, unless otherwise noted. Symbol Parameter Conditions Min Typ Max Unit UI unit interval AUX [2] 0.4 0.5 0.6 s tjit(cc) cycle-to-cycle jitter time transmitting device [3] - - 0.04 UI receiving device [4] - - 0.05 UI VAUX_DIFFp-p AUX differential peak-to-peak voltage transmitting device [5] 0.39 - 1.38 V receiving device [5] 0.32 - 1.36 V RAUX_TERM(DC) AUX CH termination DC resistance informative - 100 - VAUX_DC_CM AUX DC common-mode voltage [6] 0- 2.0 V VAUX_TURN_CM AUX turnaround common-mode voltage [7] -- 0.3 V IAUX_SHORT AUX short-circuit current limit [8] -- 90 mA CAUX AUX AC coupling capacitor [9] 75 - 200 nF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |