Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC82002 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC82002 Datasheet HTML 24Page - Texas Instruments DAC82002 Datasheet HTML 25Page - Texas Instruments DAC82002 Datasheet HTML 26Page - Texas Instruments DAC82002 Datasheet HTML 27Page - Texas Instruments DAC82002 Datasheet HTML 28Page - Texas Instruments DAC82002 Datasheet HTML 29Page - Texas Instruments DAC82002 Datasheet HTML 30Page - Texas Instruments DAC82002 Datasheet HTML 31Page - Texas Instruments DAC82002 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
www.ti.com
PACKAGE OUTLINE
C
10X
0.30
0.18
10X
1.1
0.9
0.8 MAX
2X
2
8X
0.5
0.05
0.00
A
2.6
2.4
B
2.6
2.4
(0.2) TYP
4223856/B 01/2020
WSON - 0.8 mm max height
DRX0010A
PLASTIC SMALL OUTLINE - NO LEAD
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
5
6
10
PIN 1 ID
(45 X0.15)
0.1
C A B
0.05
C
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 5.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com