Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR43 Datasheet(PDF) 1 Page - Duracell

Part # LR43
Description  Alkaline Manganese Dioxide Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURACELL [Duracell]
Direct Link  https://www.duracell.com/
Logo DURACELL - Duracell

LR43 Datasheet(HTML) 1 Page - Duracell

  LR43 Datasheet HTML 1Page - Duracell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Alkaline Manganese Dioxide Battery
SIZE LR43
SPECIFICATIONS
Minimum No Load Voltage:
1.5 V
Minimum On Load Voltage:
1.2V on 50Ohms
at 300
Minimum Life
320 H 6.8k Ohms
Hr/Day 1.2 V
Rated Capacity
105 mAh on
6.8kOhms to .8V
Volume
.44 cm3
Weight
1.5g
Physical Size in mm
Max
Min
Height/Length
3.8
4.2
Width/Diameter
Depth
11.6
11.25
Typical Discharge
Characteristics
Current at 1.2V
W
W
mA
220 5.45
470 2.55
220 W
W
470 W
W
Hours of Service at 20 ° C
Current at 1.25V
W
W
mA
2.2k 0.57
3.9k 0.32
2.2k W
W
3.9k W
W
Hours of Service at 20 ° C
Issue 9K
To be read in conjunction with the General Information module
In line with its continuing development program, Duracell reserves the right to alter specifications without prior notice


Similar Part No. - LR43

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR43018-AG6-R UTC-LR43018-AG6-R Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
LR43018G-AG6-R UTC-LR43018G-AG6-R Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
LR43018L-AG6-R UTC-LR43018L-AG6-R Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
LR43028-AG6-R UTC-LR43028-AG6-R Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
LR43028G-AG6-R UTC-LR43028G-AG6-R Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
More results

Similar Description - LR43

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CR2032 SONY-CR2032 Datasheet
93Kb / 2P
Lithium Manganese Dioxide Battery
logo
List of Unclassifed Man...
CR1216 ETC-CR1216 Datasheet
60Kb / 2P
Lithium Manganese Dioxide Battery
MX1300 ETC-MX1300 Datasheet
92Kb / 2P
ALKALINE MANGANESE DIOXIDE BATTERY
LR54 ETC-LR54 Datasheet
43Kb / 1P
Alkaline Manganese Dioxide Battery
CR17450 ETC-CR17450 Datasheet
125Kb / 1P
MANGANESE DIOXIDE LITHIUM BATTERY
MN9100 ETC2-MN9100 Datasheet
84Kb / 2P
Alkaline Manganese Dioxide Battery
logo
Panasonic Battery Group
6LR61XWA PANASONICBATTERY-6LR61XWA Datasheet
201Kb / 2P
Alkaline-Zinc/Manganese Dioxide
logo
List of Unclassifed Man...
MN1400 ETC2-MN1400 Datasheet
275Kb / 5P
Alkaline-Manganese Dioxide Battery
4LR44 ETC2-4LR44 Datasheet
247Kb / 1P
Alkaline Manganese Dioxide (mercury free)
logo
Duracell
DL2450 DURACELL-DL2450 Datasheet
537Kb / 1P
Lithium Manganese Dioxide Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com