Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7151SP Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # HV7151SP
Description  CMOS Image Sensor with Image Signal Processing
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HV7151SP Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button HV7151SP Datasheet HTML 35Page - Hynix Semiconductor HV7151SP Datasheet HTML 36Page - Hynix Semiconductor HV7151SP Datasheet HTML 37Page - Hynix Semiconductor HV7151SP Datasheet HTML 38Page - Hynix Semiconductor HV7151SP Datasheet HTML 39Page - Hynix Semiconductor HV7151SP Datasheet HTML 40Page - Hynix Semiconductor HV7151SP Datasheet HTML 41Page - Hynix Semiconductor HV7151SP Datasheet HTML 42Page - Hynix Semiconductor HV7151SP Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
HV7151SP
CMOS Image Sensor
Confidential
With Image Signal Processing
This document is a general product description and is subject to change without notice. Hynix
Semiconductor Inc. does not assume any responsibility for use of circuits described and no patent
licenses are implied.
- 39 -
2003 Hynix Semiconductor Inc.
Saturation Factor Cb [SATCB : 5ch : 80h]
7
6
5
4
3
2
1
0
Saturation Factor Cb
1
0
0
0
0
0
0
0
Saturation Adjustment is performed for multiplying Cr,Cb data by Saturation Factor Cr,Cb,
respectively. Programmable range of Saturation Factor Cb,Cr is 0 ~ 2.
For instant, Sat Cb = Cb data * B<7:0>/128.
Edge Enhancement Threshold Low [EDTHLO : 5dh : 05h]
7
6
5
4
3
2
1
0
Edge Enhancement Threshold Low
0
0
0
0
0
1
0
1
Edge Enhancement Threshold High [EDTHHI : 5eh : 80h]
7
6
5
4
3
2
1
0
Edge Enhancement Threshold High
1
0
0
0
0
0
0
0
Chroma Suppression Function [CHSUPFNC : 5fh : 64h]
7
6
5
4
3
2
1
0
Saturation Level
Suppression Gain Minimum
0
1
1
0
0
1
0
0
11
0% of difference between Current Cb,Cr data and reference Cb,Cr level. So,
Chroma Suppressed Cb,Cr data are equal to Current Cb,Cr data.
10
25% of difference between Current Cb,Cr data and reference Cb,Cr level.
01
50% of difference between Current Cb,Cr data and reference Cb,Cr level.
Saturation Level
00
75% of difference between Current Cb,Cr data and reference Cb,Cr level.
Suppression Gain
Minimum
When Amp Gain is greater than Suppression Gain Minimum, Chroma
Suppression Function is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com