Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD601 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # MSD601
Description  NPN General Purpose Amplifier Transistors Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MSD601 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  MSD601 Datasheet HTML 1Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N6–1/1
MSD601–RT1
MSD601–ST1
NPN General Purpose Amplifier
Transistors Surface Mount
CASE
318D–03, STYLE1
SC–59
MAXIMUM RATINGS (T A = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
60
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current–Continuous
I C
100
mAdc
Collector Current–Peak
I C(P)
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
–55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (T A = 2
5°C)
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage (IC = 2.0 mAdc, I B = 0)
V(BR)CEO
50
—
Vdc
Collector-Base Breakdown Voltage (I C = 10
µAdc, I
E = 0)
V(BR)CBO
60
—
Vdc
Emitter-Base Breakdown Voltage (I E = 10
µAdc, I
C = 0)
V(BR)EBO
7.0
—
Vdc
Collector-Base Cutoff Current (V CB = 45 Vdc, I E = 0)
I CBO
—
0.1
µAdc
Collector-Emitter Cutoff Current (V CE = 10 Vdc, I B = 0)
I CEO
—
100
nAdc
DC Current Gain (1)
—
(V CE = 10 Vdc, I C = 2.0 mAdc)
MSD601-RT1
hFE1
210
340
MSD601-ST1
290
460
(V CE = 2.0 Vdc, I C = 100 mAdc)
hFE2
90
—
Collector-Emitter Saturation Voltage (I C = 100 mAdc, I B = 10 mAdc)
VCE(sat)
—
0.5
Vdc
1. Pulse Test: Pulse Width < 300
µs, D.C. < 2%.
DEVICE MARKING
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.
YSX
Marking Symbol
MSD601–RT1
MSD601–ST1
YRX
COLLECTOR
3
2
1
BASE
EMITTER
1
3
2


Similar Part No. - MSD601

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MSD601 WEITRON-MSD601 Datasheet
431Kb / 6P
NPN General Purpose Transistors
logo
Motorola, Inc
MSD601-RT1 MOTOROLA-MSD601-RT1 Datasheet
110Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount?
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
85Kb / 3P
NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
More results

Similar Description - MSD601

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSB710QT1 MOTOROLA-MSB710QT1 Datasheet
125Kb / 6P
PNP General Purpose Amplifier Transistors Surface Mount
MSD1819ART1 MOTOROLA-MSD1819ART1 Datasheet
153Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSD601RT1 MOTOROLA-MSD601RT1 Datasheet
110Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount?
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
101Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
MSD601-RT1 ONSEMI-MSD601-RT1_12 Datasheet
85Kb / 3P
NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com