Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFR44N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR44N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR44N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR44N80P Datasheet HTML 1Page - IXYS Corporation IXFR44N80P Datasheet HTML 2Page - IXYS Corporation IXFR44N80P Datasheet HTML 3Page - IXYS Corporation IXFR44N80P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
800
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
800
V
V
GS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C
= 25
°C25
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
100
A
I
AR
T
C
= 25
°C25
A
E
AR
T
C
= 25
°C80
mJ
E
AS
T
C
= 25
°C
3.4
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 150°C, R
G = 10 Ω
P
D
T
C
= 25
°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
V
ISOL
50/60 Hz, RMS, 1 minute
2500
V~
F
C
Mounting force
20..120 /4.5..25
N/lb
Weight
5g
G = Gate
D = Drain
S = Source
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS
= 0 V, I
D = 800 μA
800
V
V
GS(th)
V
DS
= V
GS, ID = 8 mA
3.0
5.0
V
I
GSS
V
GS
=
± 30 V, V
DS = 0 V
± 200
nA
I
DSS
V
DS
= V
DSS
50
μA
V
GS = 0 V
T
J = 125°C
1.5
mA
R
DS(on)
V
GS
= 10 V, I
D = IT, Note 1
200
m
Ω
PolarHVTM HiPerFET
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFR 44N80P
V
DSS
= 800
V
I
D25
=25
A
R
DS(on)
≤≤≤≤≤ 190 m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250
ns
DS99504E(06/06)
Isolated Tab
Electrically Isolated Tab
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<30pF)
Low R
DS (on) HDMOS
TM process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Fast intrinsic Rectifier
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Advantages
Easy assembly
Space savings
High power density
ISOPLUS247 (IXFR)
E153432


Similar Part No. - IXFR44N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR44N50P IXYS-IXFR44N50P Datasheet
152Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFR44N50Q IXYS-IXFR44N50Q Datasheet
58Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247 Q-Class
IXFR44N50Q3 IXYS-IXFR44N50Q3 Datasheet
154Kb / 5P
Preliminary Technical Information
IXFR44N50Q IXYS-IXFR44N50Q_03 Datasheet
540Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247, Q-Class
IXFR44N60 IXYS-IXFR44N60 Datasheet
34Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS247
More results

Similar Description - IXFR44N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFC36N50P IXYS-IXFC36N50P Datasheet
254Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
PolarHV HiperFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com