Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28R400CT-KGD Datasheet(PDF) 8 Page - STMicroelectronics

Part # M28R400CT-KGD
Description  Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT-KGD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M28R400CT-KGD Datasheet HTML 3Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 4Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 5Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 6Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 7Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 8Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 9Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 10Page - STMicroelectronics M28R400CT-KGD Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
M28R400CT-KGD, M28R400CB-KGD
8/11
HANDLING INSTRUCTIONS
Processing
Known Good Die products should not be exposed
to ultraviolet light or be processed at temperatures
greater than 250°C.
Failure to adhere to these handling instructions will
result in irreparable damage to the devices. For
best yield, ST recommends assembly in a Class
10K clean room with 30% to 60% relative humidity.
Storage
Known Good Die products should be stored at a
maximum temperature of 30°C in a nitrogen-
purged cabinet or a vacuum-sealed bag.
All standard ESD (ElectroStatic Discharge) han-
dling procedures should be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com