Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CC-ASD Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # H7CC-ASD
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-ASD Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button H7CC-ASD Datasheet HTML 32Page - Omron Electronics LLC H7CC-ASD Datasheet HTML 33Page - Omron Electronics LLC H7CC-ASD Datasheet HTML 34Page - Omron Electronics LLC H7CC-ASD Datasheet HTML 35Page - Omron Electronics LLC H7CC-ASD Datasheet HTML 36Page - Omron Electronics LLC H7CC-ASD Datasheet HTML 37Page - Omron Electronics LLC H7CC-ASD Datasheet HTML 38Page - Omron Electronics LLC H7CC-ASD Datasheet HTML 39Page - Omron Electronics LLC H7CC-ASD Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
36
H7CC-A
@
tachometer
Indicator Display Mode (indc)
Settings can be made to display the measurement value in status
indicator. When this mode is ON, and "Upper and lower limit" or
"Area" has been selected in the tachometer output mode, the status
indicator changes in accordance with the ratio of the measurement
value to the comparison value. In the case of ALOF, the indicator
display is turned OFF, and the status indicator is all off. In the case of
ALLT, the indicator display is turned OFF, and the status indicator is
all lit.
(Example 1) When the upper and lower limits have been selected
The status indicator lights up when the status reaches 1/6, 2/6, 3/6
(50%), 4/6, 5/6, 6/6 (100%) in accordance with the ratio of the
measurement value to the comparison value. If comparison value 1 =
2000 and comparison value 2 = 2300 have been set, all status
indicators are off when the measurement value is below 2050, the
three status indicators on the left light up when the measurement
value reaches 2150, and all status indicators light up when the
measurement value becomes 2300 or more.
Cumulative Run Time Alarm Set Value (ot-a)
The cumulative run time for notifying the replacement time can be set.
For details, refer to page 41.
Cumulative Run Time Monitor (ot-c)
The cumulative run time is displayed. It is not a setting item. The
numerical values are displayed in increments of 0.1 years.
Three indicators light up
when the status reaches 50%
All indicators light up
when the status reaches 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com