Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2014S Datasheet(PDF) 7 Page - Anachip Corp

Part # AP2014S
Description  Synchronous PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2014S Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP2014S Datasheet HTML 3Page - Anachip Corp AP2014S Datasheet HTML 4Page - Anachip Corp AP2014S Datasheet HTML 5Page - Anachip Corp AP2014S Datasheet HTML 6Page - Anachip Corp AP2014S Datasheet HTML 7Page - Anachip Corp AP2014S Datasheet HTML 8Page - Anachip Corp AP2014S Datasheet HTML 9Page - Anachip Corp AP2014S Datasheet HTML 10Page - Anachip Corp AP2014S Datasheet HTML 11Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP2014/A
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.2 Nov 29, 2005
7/12
Typical Performance Characteristics
Load Regulation
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
1.2%
1.4%
1.6%
1.8%
2.0%
0.0
0.5
1.0
3.0
5.0
8.0 10.0 12.0 15.0
Iout(A)
Efficiency v.s. Iout
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.0 0.5 1.0 3.0 5.0 8.0 10.0 12.0 15.0
Iout(A)
Line Regulation
1.240
1.245
1.250
1.255
1.260
4.5
5.0
7.0
9.0
11.0
12.0
15.0
Vin(V)
Line Regulation
2.500
2.505
2.510
2.515
2.520
2.525
2.530
4.5
5.0
7.0
9.0
11.0 12.0 15.0
Vin(V)
Frequency v.s. Vin
175.0
180.0
185.0
190.0
195.0
200.0
205.0
210.0
4.5
5.0
7.0
9.0
11.0 12.0 15.0
Vin(V)
Frequency v.s. Temperature
150.0
160.0
170.0
180.0
190.0
200.0
210.0
220.0
230.0
240.0
-40
-20
0
25
50
75
100 125
Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com