Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2014N Datasheet(PDF) 1 Page - Anachip Corp

Part # AP2014N
Description  Synchronous PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2014N Datasheet(HTML) 1 Page - Anachip Corp

  AP2014N Datasheet HTML 1Page - Anachip Corp AP2014N Datasheet HTML 2Page - Anachip Corp AP2014N Datasheet HTML 3Page - Anachip Corp AP2014N Datasheet HTML 4Page - Anachip Corp AP2014N Datasheet HTML 5Page - Anachip Corp AP2014N Datasheet HTML 6Page - Anachip Corp AP2014N Datasheet HTML 7Page - Anachip Corp AP2014N Datasheet HTML 8Page - Anachip Corp AP2014N Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP2014/A
Synchronous PWM Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this
product. No rights under any patent accompany the sale of the product.
Rev. 1.2 Nov 29, 2005
1/12
Features
- Synchronous Controller in 8-Pin Package
- Operating with single 5V or 12V supply voltage
- Internal 200KHz Oscillator (400KHz for AP2014A)
- Soft-Start Function
- Fixed Frequency Voltage Mode
- 500mA Peak Output Drive Capability
- Protects the output when control FET is shorted
- SOP-8L/PDIP-8L Pb-Free package
Applications
- Graphic Card
- Hard Disk Drive
- DDR memory source sink Vtt application
- Low cost on-board DC to DC such as 5V to 3.3V,
2.5V or 1.8V
Pin Assignments
SOP-8L/PDIP-8L
1
2
3
45
6
7
8
(Top View)
Vcc
GND
AP2014/A
LDrv
HDrv
Vc
Comp
FB
SS
General Description
The AP2014 controller IC is designed to provide a
low cost synchronous Buck regulator for on-board
DC to DC converter applications. With the migration
of today’s ASIC products requiring low supply
voltages such as 1.8V and lower, together with
currents in excess of 3A, traditional linear regulators
are simply too lossy to be used when input supply is
5V or even in some cases with 3.3V input supply.
The
AP2014
together
with
dual
N-channel
MOSFETs such as AF9410, provide a low cost
solution for such applications. This device features
an internal 200KHz oscillator (400KHz for "A"
version), under-voltage lockout for both Vcc and Vc
supplies,
an
external
programmable
soft-start
function as well as output under-voltage detection
that latches off the device when an output short is
detected.
Pin Descriptions
Pin
Name
Pin
No.
Description
FB
1
This pin is connected directly to the output of the
switching regulator via resistor divider to provide
feedback to the Error amplifier.
Vcc
2
This pin provides biasing for the internal blocks of
the IC as well as power for the low side driver. A
minimum of 1uF, high frequency capacitor must be
connected from this pin to ground to provide peak
drive current capability.
LDrv
3
Output driver for the synchronous power MOSFET.
GND
4
This pin serves as the ground pin and must be
connected directly to the ground plane. A high
frequency capacitor (0.1 to 1uF) must be connected
from V5 and V12 pins to this pin for noise free
operation.
HDrv
5
Output driver for the high side power MOSFET.
Vc
6
This pin is connected to a voltage that must be at
least 4V higher than the bus voltage of the switcher
(assuming 5V threshold MOSFET) and powers the
high side output driver. A minimum of 1uF, high
frequency capacitor must be connected from this
pin to ground to provide peak drive current
capability.
Comp
7
Compensation pin of the error amplifier. An external
resistor and capacitor network is typically connected
from
this
pin
to
ground
to
provide
loop
compensation.
SS
8
This pin provides soft-start for the switching
regulator. An internal current source charges an
external capacitor that is connected from this pin to
ground which ramps up the output of the switching
regulator, preventing it from overshooting as well as
limiting the input current. The converter can be
shutdown by pulling this pin below 0.5V.


Similar Part No. - AP2014N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
AP2014 DIODES-AP2014 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASG-13 DIODES-AP2014ASG-13 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASL-13 DIODES-AP2014ASL-13 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASM DIODES-AP2014ASM Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
More results

Similar Description - AP2014N

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
Synchronous PWM Controller
Rev. 0.1 Feb.10, 2004
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
Synchronous PWM Controller
Rev. 0.2 Apr 14, 2004
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
Synchronous PWM Controller
Rev. 1.0 Apr 1, 2005
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
Synchronous PWM Controller
November, 2009 ??Rev. P1
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
Synchronous PWM Controller
May, 2010 ??Rev. 0
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
Synchronous PWM Controller
April, 2011 ??Rev. 1
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com