Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BV Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC847BV
Description  NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BV Datasheet(HTML) 1 Page - Diodes Incorporated

  BC847BV Datasheet HTML 1Page - Diodes Incorporated BC847BV Datasheet HTML 2Page - Diodes Incorporated BC847BV Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb
Lead-free
SEE NOTE 1
DS30432 Rev. 2 - 2
1 of 3
BC847BV
www.diodes.com
ã Diodes Incorporated
BC847BV
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
100
mA
Power Dissipation (Note 2)
Pd
150
mW
Thermal Resistance, Junction to Ambient (Note 2)
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
·
Epitaxial Die Construction
·
Complementary PNP Type Available (BC857BV)
·
Ultra-Small Surface Mount Package
·
Lead Free By Design/RoHS Compliant (Note 3)
·
Case: SOT-563
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking (See Page 2): K4V
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.002 grams (approx.)
Mechanical Data
A
M
L
B C
H
K
G
D
K4V YM
C
1
B
2
E
2
C
2
E
1
B
1
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.10
0.30
0.20
M
0.10
0.18
0.11
All Dimensions in mm
Notes:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180
° rotated, or mixed (both ways).
2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
C
1
B
2
E
2
C
2
E
1
B
1
SPICE MODELS: BC847BV


Similar Part No. - BC847BV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BV PHILIPS-BC847BV Datasheet
115Kb / 15P
NPN/NPN matched double transistors
Rev. 05-27 June 2006
BC847BV NXP-BC847BV Datasheet
130Kb / 8P
NPN general purpose double transistor
2001 Sep 10
logo
Micro Commercial Compon...
BC847BV MCC-BC847BV Datasheet
165Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BC847BV SECOS-BC847BV Datasheet
645Kb / 2P
Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC847BV MCC-BC847BV Datasheet
271Kb / 3P
NPN Plastic-Encapsulate Transistors
More results

Similar Description - BC847BV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 5 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 13
IMX8 DIODES-IMX8_15 Datasheet
125Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com