Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCX122LU Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCX122LU
Description  COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX122LU Datasheet(HTML) 2 Page - Diodes Incorporated

  DCX122LU Datasheet HTML 1Page - Diodes Incorporated DCX122LU Datasheet HTML 2Page - Diodes Incorporated DCX122LU Datasheet HTML 3Page - Diodes Incorporated DCX122LU Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30425 Rev. 3 - 2
2 of 4
DCX (LO-R1) U
www.diodes.com
Maximum Ratings PNP Section @ TA = 25°C unless otherwise specified
Electrical Characteristics NPN Section
R1, R2 Types
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-50
V
Input Voltage
DCX122LU
DCX142JU
VIN
+5 to -6
+5 to -6
V
Input Voltage
DCX122TU
DCX142TU
VEBO (MAX)
-5
V
Output Current
All
IC
-100
mA
Power Dissipation (Note 1,2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1,2)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. 150mW per element must not be exceeded.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DCX122LU
DCX142JU
Vl(off)
0.3
0.3
¾¾
V
VCC = 5V, IO = 100
mA
DCX122LU
DCX142JU
Vl(on)
¾¾
2.0
2.0
V
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
Output Voltage
VO(on)
¾¾
0.3V
V
IO/Il = 5mA/0.25mA
Input Current
DCX122LU
DCX142JU
Il
¾¾
28
13
mA
VI = 5V
Output Current
IO(off)
¾¾
0.5
mA
VCC = 50V, VI = 0V
DC Current Gain
DCX122LU
DCX142JU
Gl
56
56
¾¾
¾
VO = 5V, IO = 10mA
Gain-Bandwidth Product*
fT
¾
200
¾
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
Electrical Characteristics NPN Section
R1 Only
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
¾¾
V
IC = 50
mA
Collector-Emitter Breakdown Voltage
BVCEO
40
¾¾
V
IC = 1mA
Emitter-Base Breakdown Voltage
DCX122TU
DCX142TU
BVEBO
5
¾
¾
V
IE = 50
mA
IE = 50
mA
Collector Cutoff Current
ICBO
¾¾
0.5
mA
VCB = 50V
Emitter Cutoff Current
DCX122TU
DCX142TU
IEBO
¾
¾
¾
0.5
0.5
mA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
0.3
V
IC = 5mA, IB = 0.25mA
DC Current Transfer Ratio
DCX122TU
DCX142TU
hFE
100
100
250
250
600
600
¾
IC = 1mA, VCE = 5V
Gain-Bandwidth Product*
fT
¾
200
¾
MHz
VCE = 10V, IE = -5mA,
f = 100MHz
* Transistor - For Reference Only
* Transistor - For Reference Only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com