Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFLS220L-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFLS220L-7
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS220L-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DFLS220L-7 Datasheet HTML 1Page - Diodes Incorporated DFLS220L-7 Datasheet HTML 2Page - Diodes Incorporated DFLS220L-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30517 Rev. 2 - 2
2 of 3
DFLS220L
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
0.001
0.01
10
1
0.1
0.2
0
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1, Typical Forward Characteristics
T = 100 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -40 C
A
°
.01
.1
1
10
V , TYPICAL REVERSE VOLTAGE (V)
R
Fig. 2, Typical Reverse Characteristics
10
15
20
5
T = 100 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -40 C
A
°
10
100
10000
0
5
10
15
20
V , REVERSE VOLTAGE (V)
R
Fig. 3, Typical Total Capacitance
1000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com