Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2322 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM2322
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2322 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM2322 Datasheet HTML 1Page - Anpec Electronics Coropration APM2322 Datasheet HTML 2Page - Anpec Electronics Coropration APM2322 Datasheet HTML 3Page - Anpec Electronics Coropration APM2322 Datasheet HTML 4Page - Anpec Electronics Coropration APM2322 Datasheet HTML 5Page - Anpec Electronics Coropration APM2322 Datasheet HTML 6Page - Anpec Electronics Coropration APM2322 Datasheet HTML 7Page - Anpec Electronics Coropration APM2322 Datasheet HTML 8Page - Anpec Electronics Coropration APM2322 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2003
www.anpec.com.tw
2
APM2322
Notes
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
b : Guaranteed by design, not subject to production testing
Absolute Maximum Ratings (Cont.) (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
TA=25
°C
0.8
PD
Maximum Power Dissipation
TA=100
°C
0.3
W
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
RθJA
*
Thermal Resistance – Junction to Ambient
150
°C/W
APM2322
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static
BVDSS
Drain-Source Breakdown
Voltage
VGS=0V , IDS=250
µA
20
V
IDSS
Zero Gate Voltage Drain
Current
VDS=16V , VGS=0V
1
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS , IDS=250
µA
0.6
0.75
1.5
V
IGSS
Gate Leakage Current
VGS=
±8V , V
DS=0V
±10
µA
VGS=4.5V , IDS=1.5A
195
260
RDS(ON)
a
Drain-Source On-state
Resistance
VGS=2.5V , IDS=0.8A
295
350
m
Ω
VSD
a
Diode Forward Voltage
ISD=0.5A , VGS=0V
0.8
1.3
V
Dynamic
b
Qg
Total Gate Charge
1.4
1.8
Qgs
Gate-Source Charge
0.22
Qgd
Gate-Drain Charge
VDS=10V , IDS= 1.5A
VGS=4.5V
0.33
nC
td(ON)
Turn-on Delay Time
6
15
Tr
Turn-on Rise Time
5
11
td(OFF)
Turn-off Delay Time
12
24
Tf
Turn-off Fall Time
VDD=10V , IDS=1.5A,
VGEN=4.5V , RG=6
Ω
6
15
ns
Ciss
Input Capacitance
152
Coss
Output Capacitance
48
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=15V
Frequency=1.0MHz
32
pF
Electrical Characteristics (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com