Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8392B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8392B
Description  Coaxial Transceiver Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8392B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP8392B Datasheet HTML 1Page - National Semiconductor (TI) DP8392B Datasheet HTML 2Page - National Semiconductor (TI) DP8392B Datasheet HTML 3Page - National Semiconductor (TI) DP8392B Datasheet HTML 4Page - National Semiconductor (TI) DP8392B Datasheet HTML 5Page - National Semiconductor (TI) DP8392B Datasheet HTML 6Page - National Semiconductor (TI) DP8392B Datasheet HTML 7Page - National Semiconductor (TI) DP8392B Datasheet HTML 8Page - National Semiconductor (TI) DP8392B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
50 Pin Descriptions
Pin No
Name
IO
Description
1CDa
O
Collision Output
Balanced differential line driver outputs from the collision detect
circuitry The 10 MHz signal from the internal oscillator is transferred to these
2CDb
outputs in the event of collision excessive transmission (jabber) or during CD
Heartbeat condition These outputs are open emitters pulldown resistors to VEE
are required When operating into a 78X transmission line these resistors should
be 500X In Cheapernet applications where the 78X drop cable is not used
higher resistor values (up to 15k) may be used to save power
3RXa
O
Receive Output
Balanced differential line driver outputs from the Receiver These
outputs also require 500X pulldown resistors
6RXb
7TXa
I
Transmit Input
Balanced differential line receiver inputs to the Transmitter The
common mode voltage for these inputs is determined internally and must not be
8TXb
externally established Signals meeting Transmitter squelch requirements are
waveshaped and output at TXO
9
HBE
I
Heartbeat Enable
This input enables CD Heartbeat when grounded disables it
when connected to VEE
11
RRa
I
External Resistor
A fixed 1k 1% resistor connected between these pins
establishes internal operating currents
12
RRb
14
RXI
I
Receive Input
Connects directly to the coaxial cable Signals meeting Receiver
squelch requirements are equalized for inter-symbol distortion amplified and
outputted at RXg
15
TXO
O
Transmit Output
Connects either directly (Cheapernet) or via an isolation diode
(Ethernet) to the coaxial cable
16
CDS
I
Collision Detect Sense
Ground sense connection for the collision detect circuit
This pin should be connected separately to the shield to avoid ground drops from
altering the receive mode collision threshold
10
GND
Positive Supply Pin
A 01 mF ceramic decoupling capacitor must be connected
across GND and VEE as close to the device as possible
4
VEE
Negative Supply Pins
In order to make full use of the 35W power dissipation
capability of this package these pins should be connected to a large metal frame
5
area on the PC board Doing this will reduce the operating die temperature of the
13
device thereby increasing the long term reliability
IEEE names for CDg e CIg RXg e DIg TXg e DOg
51 PC BOARD LAYOUT
The DP8392B package is uniquely designed to ensure that
the device meets the 1 million hour Mean Time Between
Failure (MTBF) requirement of the IEEE 8023 standard In
order to fully utilize this heat dissipation design the three
VEE pins are to be connected to a copper plane which
should be included in the printed circuit board layout Refer
to National Semiconductor application note AN-442 (Ether-
netCheapernet Physical Layer Made Easy) for complete
board layout instructions
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com