| Electronic Components Datasheet Search |
|
CTVP02R Datasheet(PDF) 4 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTVP02R Datasheet(HTML) 4 Page - Amphenol Corporation |
|
4 / 54 page ![]() 2 Amphenol® Tri-Start offers more versatility & options than any other interconnection family Fiber Optic Multi-Channel D38999 Filter/Transient Protection MIL-DTL-38999 Series III D38999 Ground Plane with Metallic Insert, Power Contacts and Shielded Twinax Contacts MIL-DTL-38999 with Shielded Coax Contacts D38999 with PC Tail Coax Contacts and Alignment Disc D38999 with Flex Termination for Attachment to PCB Boards MIL-DTL-38999 Lanyard “Breakaway” Connector Qualified for MIL-STD-1760 Hermetic Tri-Start MIL-DTL-38999 Series III The Tri-Start Connector is the high performance choice in the D38999 Family. Originally designed in order to increase the performance lev- els of MIL-DTL-38999 Series I and II, the Series III was cre- ated to meet high performance connector criteria. Dynamic features for performance and reliability that were needed for military, aerospace and ground vehicle applica- tions were designed into the Series III that include: • Rapid coupling via a triple-start thread • Shell-to-shell or metal-to-metal bottoming • Improved EMI shielding The Tri-Start Family of connectors has grown and expanded since its original addition to the 38999 series in order to meet ever-evolving interconnection product needs. Today, the Tri- Start family has styles and options that cover a very wide range to meet not only the highest performance needs of space applications, but also general duty connector needs. The Tri-Start Connector Series is second to none in terms of versatility and customer options. The broad porfolio includes Tri-Starts with: • Aluminum and nickel plated stainless steel shells • Class K Firewalls • Composite shells • Clutch-Lok® high vibration design • Fiber Optics • Fail-Safe Lanyard Release connectors • Variety of contact options: shielded, coax, matched imped- ance coax, triax, twinax, quadrax, thermocouple, PCB tail and wire wrap • Ground plane versions and Press-fit® with compliant pins • ESD (Electrostatic Discharge) protection • Filter/Transient protection • Hermetic versions • Long reach receptacle styles • Numerous shell geometries, finishes and accessories See more on Tri-Start specials on pages 48-51. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |