Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS1040CTL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS1040CTL
Description  10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS1040CTL Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS1040CTL Datasheet HTML 1Page - Diodes Incorporated PDS1040CTL Datasheet HTML 2Page - Diodes Incorporated PDS1040CTL Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30485 Rev. 8 - 2
2 of 3
PDS1040CTL
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
40
¾¾
V
IR = 500
mA
Forward Voltage
Per Element
VF
¾
¾
¾
¾
0.465
0.41
0.39
0.55
0.53
0.52
0.50
0.45
0.43
0.60
0.57
0.56
V
IF = 5A, Ts = 25
°C
IF = 5A, Ts = 100
°C
IF = 5A, Ts = 125
°C
IF = 10A, Ts = 25
°C
IF = 10A, Ts = 100
°C
IF = 10A, Ts = 125
°C
Reverse Leakage Current (Note 5)
Per Element
IR
¾
¾
¾
¾
¾
¾
20
3
15
2.5
6
1
200
25
150
10
80
5
mA
mA
mA
mA
mA
mA
VR = 40V, Ts = 25°C
VR = 40V, Ts = 100°C
VR = 35V, Ts = 25°C
VR = 35V, Ts = 100°C
VR = 17.5V, Ts = 25°C
VR = 17.5V, Ts = 100°C
Electrical Characteristics @ TA = 25°C unless otherwise specified
0
100
200
300
400
500
600
700
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 1 Typical Forward Characteristics, Per Element
F
0.00001
0.0001
0.001
0.01
0.1
1
10
100
T = 150°C
j
T = -65°C
j
T = 25°C
j
T= 85°C
j
T = 100°C
j
T = 125°C
j
0
5
10
15
20
25
30
40
35
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics, Per Element
R
10
1
0.1
0.01
0.001
100
T= +25 C
j
°
T = -65°C
j
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Reverse Voltage,
PerElement
R
100
200
300
400
500
600
700
800
05
10
15
20
25
30
35
40
f=1MHz
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics, Per Element
0.1
1
10
100
1,000
T = +125°C
j
T = +100°C
j
T = +150°C
j
T = +85°C
j
Notes:
5. Short duration test pulse used to minimize self-heating effect.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com