Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS1045 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS1045
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS1045 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS1045 Datasheet HTML 1Page - Diodes Incorporated PDS1045 Datasheet HTML 2Page - Diodes Incorporated PDS1045 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30539 Rev. 10 - 2
2 of 3
PDS1045
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
10
1
100m
1m
10m
100
0
0.1
0.2
0.3
0.4
0.5
0.6
T= 25°C
j
T= 85°C
j
T = 125°C
j
T = -65°C
j
0
15
30
45
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
1n
10n
100n
1m
10m
100m
T = 25°C
j
T= 85°C
j
T = 125°C
j
T = -65°C
j
100
0
10
30
20
V , REVERSE VOLTAGE (V)
Fig. 3 Typical Total Capacitance vs. Reverse Voltage
R
300
500
700
900
1100
1300
1500
1700
1900
5
15
25
f=1MHz
0
2.5
5.0
7.5
12.5
10.0
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
Fig. 4 DC Forward Current Derating
A
Note 2
Note 6
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
45
¾¾
V
IR = 600
mA
Forward Voltage
VF
¾
¾
¾
¾
0.40
0.45
0.29
0.37
0.45
0.51
0.35
0.43
V
IF = 5A, TS = 25
°C
IF = 10A, TS = 25
°C
IF = 5A, TS = 125
°C
IF = 10A, TS = 125
°C
Reverse Leakage Current (Note 5)
IR
¾
¾
¾
¾
0.03
10
0.1
65
0.3
25
0.6
150
mA
TS = 25
°C, VR = 35V
TS = 100
°C, VR = 35V
TS = 25
°C, VR = 45V
TS = 125
°C, VR = 45V
Notes:
5. Short duration test pulse used to minimize self-heating effect.
6. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 16.0mm x 12.4mm. Anode pad dimensions 4.7mm x 2.7mm.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com