Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H757XI Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32H757XI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757XI Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32H757XI Datasheet HTML 69Page - STMicroelectronics STM32H757XI Datasheet HTML 70Page - STMicroelectronics STM32H757XI Datasheet HTML 71Page - STMicroelectronics STM32H757XI Datasheet HTML 72Page - STMicroelectronics STM32H757XI Datasheet HTML 73Page - STMicroelectronics STM32H757XI Datasheet HTML 74Page - STMicroelectronics STM32H757XI Datasheet HTML 75Page - STMicroelectronics STM32H757XI Datasheet HTML 76Page - STMicroelectronics STM32H757XI Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 251 page
background image
DS12931 Rev 1
73/251
STM32H757xI
Pin descriptions
104
--
-
94
T13
PH8
I/O
FT_f
ha
-
TIM5_ETR, I2C3_SDA,
FMC_D16,
DCMI_HSYNC,
LCD_R2, EVENTOUT
-
-
E13
---
VSS
S
-
-
-
-
M4
L9
-
-
M13
VDD
S
-
-
-
-
--
-
95
R13
PH9
I/O
FT_
h
-
TIM12_CH2,
I2C3_SMBA, FMC_D17,
DCMI_D0, LCD_R3,
EVENTOUT
-
--
-
96
P13
PH10
I/O
FT_
h
-
TIM5_CH1,
I2C4_SMBA, FMC_D18,
DCMI_D1, LCD_R4,
EVENTOUT
-
--
-
97
P14
PH11
I/O
FT_f
h
-
TIM5_CH2, I2C4_SCL,
FMC_D19, DCMI_D2,
LCD_R5, EVENTOUT
-
--
-
98
R14
PH12
I/O
FT_f
h
-
TIM5_CH3, I2C4_SDA,
FMC_D20, DCMI_D3,
LCD_R6, EVENTOUT
-
-D1
83
99
N16
VSS
S
-
-
-
-
M4
-
84
100
-
VDD
S
-
-
-
-
J5
L10
85
101
T14
PB12
I/O
FT_
u
-
TIM1_BKIN,
I2C2_SMBA,
SPI2_NSS/I2S2_WS,
DFSDM1_DATIN1,
USART3_CK,
FDCAN2_RX,
OTG_HS_ULPI_D5,
ETH_MII_TXD0/ETH_R
MII_TXD0, OTG_HS_ID,
TIM1_BKIN_COMP12,
UART5_RX,
EVENTOUT
-
Table 8. STM32H757xI pin/ball definition (continued)
Pin/ball name
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com