Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP39811 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP39811
Description  PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP39811 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP39811 Datasheet HTML 1Page - Diodes Incorporated AP39811 Datasheet HTML 2Page - Diodes Incorporated AP39811 Datasheet HTML 3Page - Diodes Incorporated AP39811 Datasheet HTML 4Page - Diodes Incorporated AP39811 Datasheet HTML 5Page - Diodes Incorporated AP39811 Datasheet HTML 6Page - Diodes Incorporated AP39811 Datasheet HTML 7Page - Diodes Incorporated AP39811 Datasheet HTML 8Page - Diodes Incorporated AP39811 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP39811
Document number: DS39992 Rev. 5 - 2
2 of 18
www.diodes.com
June 2019
© Diodes Incorporated
AP39811
Typical Applications Circuit
AC
R3
C6
T1
D1
R14
C3
C5
CY1
GND
DRAIN
CPR
SOURCE
VCC
AP39811
U1
RF1
R4
FB
VOUT
GND
C2
L1
5,6
4
2
7
R8
R10
1
R15
R7
D2
C1
DB1
R1
R6
R2
3
L2
D3
R5
R9
R11
R12
R13
C4
Pin Descriptions
Pin Number
Pin Name
Function
1
FB
Connect to the auxiliary winding through a resistor divider network, used as a multi-function pin to
realize output voltage detection for CV control, tONS detection for CC control, line voltage sense for
line compensation, and cable compensation as well.
2
CPR
A resistor is connected between FB pin and CPR pin to adjust slant-IV curve.
3
VCC
The power supply for the IC.
4
SOURCE
SOURCE terminal of the integrated MOSFET. The primary side current is sensed through this pin.
5, 6
DRAIN
DRAIN terminal of the integrated MOSFET.
7
GND
Signal ground. Current return for driver and control circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com