Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM58201 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58201
Description  Multiplexed LCD Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58201 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM58201 Datasheet HTML 1Page - National Semiconductor (TI) MM58201 Datasheet HTML 2Page - National Semiconductor (TI) MM58201 Datasheet HTML 3Page - National Semiconductor (TI) MM58201 Datasheet HTML 4Page - National Semiconductor (TI) MM58201 Datasheet HTML 5Page - National Semiconductor (TI) MM58201 Datasheet HTML 6Page - National Semiconductor (TI) MM58201 Datasheet HTML 7Page - National Semiconductor (TI) MM58201 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Functional Description
A functional diagram of the MM58201 LCD driver is shown
in
Figure 1 Connection diagrams are shown in Figure 2
SERIAL INPUTS AND OUTPUTS
A negative-going edge on the CS input initiates a frame The
CS input must then stay low for at least one rising edge of
CLK IN and may not be pulsed low again for the next 31
clocks At least one clock must occur while CS is high If
CLK IN is held at a logic ‘‘1’’ CS is disabled This allows the
signal that drives CS to be used for other purposes when
the MM58201 is not being addressed
CLK IN latches data from the DATA IN input on its rising
edge Data from the DATA OUT pin changes on the falling
edge of CLK IN and is valid before the next rising edge
The first five bits of data following CS are the address bits
(Figure 3) The address selects the column where the oper-
ation is to start Bit 1 is the MSB and bit 5 is the LSB The
sixth bit is the readwrite bit A logic ‘‘1’’ specifies a read
operation and a logic ‘‘0’’ specifies a write operation The
next 24 bits are the data bits The first data bit corresponds
to the BP1 row of the display the second data bit to the BP2
row and so on After the eighth and sixteenth data bits the
column pointer is incremented
When starting address
10110 or 10111 is specified the column pointer increments
from 10111 to 00000
During a read or write cycle the LCD segment outputs do
not reflect the data in the RAM To avoid disrupting the
pattern viewed on the display the read or write cycle time
should be kept short Since the LCD turn-on time can be as
little as 30 ms a clock rate of at least 10 kHz would be
required in order to address the entire contents of the RAM
within that time interval The formula below can be used to
estimate the minimum clock rate
fCLK IN e
30
(tLCD b 7ts)
where ts is the processor’s set-up time between each read
or write cycle and tLCD is the minimum turn-on or turn-off
time of the LCD as specified by the LCD manufacturer
The DATA OUT output is an open drain N-channel device to
VSS (Figure 4) With an external pull-up this configuration
allows the controller to operate at a lower supply voltage
and also permits the DATA OUT output to be wired in paral-
lel with the DATA OUT outputs from any other drivers in the
system
To program the number of backplanes being driven and the
MS bit load address 11000 a write bit three bits for the
number of backplanes (Table I) and the MS bit The re-
maining 20 data bits will be ignored but it is necessary to
provide 21 more clocks before initiating another frame
TABLE I Backplane Select
Number of
B2
B1
B0
Backplanes
2
001
3
010
4
011
5
100
6
101
7
110
8
111
RC OSC Pin
This oscillator generates the timing required for multiplexing
the liquid crystal display The oscillator operates at a fre-
quency that is 4h times the refresh rate of the display
where h is the number of backplanes programmed Since
the refresh rate should be in the range from 32 Hz to 100
Hz the oscillator frequency must be
128h s fOSC s 400h
The frequency of oscillation is related to the external R and
C components in the following way
fOSC e
1
125 RC
g
30%
The value used for the external resistor should be in the
range from 10 kX to1MX
The value used for the external capacitor should be less
than 0005 mF
VTC Pin
The VTC pin is an analog input that controls the contrast of
the segments on the LCD If eight backplanes are being
driven (h e 8) a voltage of typically 8V is required at 25 C
The voltage for optimum contrast will vary from display to
display It also has a significant negative temperature coeffi-
cient
The voltage source on the VTC input must be of relatively
low impedance since the input impedance of VTC ranges
from 10 kX to 30 kX A suitable circuit is shown in
Figure 5
In a standby mode the VTC input can be set to VSS This
reduces the supply current to less than 300 mA per driver
BACKPLANE AND SEGMENT OUTPUTS
Connect the backplane and segment outputs directly to the
LCD row and column lines The outputs are designed to
drive a display with a total ON capacitance of up to 2000 pF
The output structure consists of transmission gates tapped
off of a resistor string driven by VTC (Figure 6)
A critical factor in the lifetime of an LCD is the amount of DC
offset between a backplane and segment signal Typically
50 mV of offset is acceptable The MM58201 guarantees an
offset of less than 10 mV
The BP1 output is disabled when the MS bit is set to zero
This allows the BP1 output from the master chip to be con-
nected directly to it so that synchronizing signals can be
generated Synchronization occurs once each refresh cycle
so the cascaded chips are assured of remaining synchroniz-
ed
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com