Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCLT-2AT4-TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # PCLT-2AT4-TR
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4-TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PCLT-2AT4-TR Datasheet HTML 6Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 9Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 10Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 11Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 12Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 13Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2 Functional description
PCLT-2A
10/18
2
Functional description
The PCLT-2A is a dual input termination device designed for 24 V DC automation applications.
It achieves the front-end circuitry of a digital input module (I/O) in industrial automation.
Available in a two channels configuration, it offers a high-density termination by minimizing the
conducting dissipation and the external components count. It is housed in a surface mount
package to reduce the printed board size.
Made of an input voltage protection, a serial current limiting circuit and an output interface, each
channel circuit terminates the connection between the logic input and its associated high side
sensor or switch.
The PCLT-2A is a current limited dual channel circuit compatible with the type 2 (7.5 mA) or
type 3 (3 mA) characteristic of the IEC61131-2 standard. An external resistance RREF allows
the limiting current value to be adjusted from 3 to 7.5 mA.
The unique structure of the PCLT limiter allows its activation threshold to be low and insensitive
to the output voltage up to 2.5 V.
Each input voltage clamping block protects the module input against electromagnetic
interferences such as those described in the IEC61131-2 standard and IEC61000-4-2 (ESD),
4-4 (transient burst), 4-5 (voltage surge) and 4-6 (conducted radio frequency interferences)
standards. The supply input is also designed with such a protection structure.
The current limiting circuit connected between the input and the output pins is compensated all
over the temperature range. Thanks to its low tolerance, the current limitation allows reducing
drastically the dissipation of the input compared to a resistive input. Furthermore, the PCLT2 is
housed into a very low RTH exposed pad TSSOP14 package that allows the PCB cooling pad to
be reduced: the overall module becomes smaller and the hot spot effect is reduced.
The output block of each termination channel transfers the input logic state to a logic output and
a Light Emitting Diode (LED) that allows this state to be checked visually.
2.1
The VMOD pin
The voltage VMOD applied to the selector pin MOD allows the output OUT to be configured
either in an opto-coupler driver for VMOD less than 0.75 V or in a CMOS output able to interface
directly a bus controller circuit for VMOD higher than 2.9 V.
In CMOS mode, the VMOD pin activates a CMOS compatible buffer output, able to source up to
a 50 µA current powered by the MOD pin.
2.2
OFF state
In accordance with IEC61131-2 standard, for both opto-coupler and CMOS configuration
modes when the input current is less than 2 mA (type 2) or 1.5 mA (type 3) the output circuits
divert all the input current and maintain both LED and output in OFF state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com