Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACD0900S3CTR Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ACD0900S3CTR
Description  VHF/UHF CATV/TV Tuner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD0900S3CTR Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ACD0900S3CTR Datasheet HTML 1Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 2Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 3Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 4Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 5Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 6Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 7Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 8Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
05/2005
ACD0900
VHF/UHF CATV/TV Tuner
Downconverter
Data Sheet - Rev 2.2
Figure 1: Functional Block Diagram
FEATURES
•
Integrated Monolithic Downconverter
•
8 dB Noise Figure
•
10 dB Conversion Gain
•
High Linearity
•
Small Size
•
Low Cost
•
High Reliability
•
RoHS-Compliant Package Option
S3 Package
Modified 16 Pin SOIC
PRODUCT DESCRIPTION
The ACD0900 MMIC is a high performance
downconverter fabricated entirely in GaAs. It is
designed for use as the second conversion stage
in double-conversion tuners and cable modems,
downconverting 900 -1200 MHz RF inputs to a fixed
IF of 35 - 150 MHz (depending on LO frequency).
The IC incorporates a low noise amplifier, high
linearity double balanced mixer, phase splitter and
oscillator in a modified SOIC 16 lead surface mount
package. The high degree of functionality allows
tuner manufactures to reduce size and cost by
lowering the component count and decreasing the
amount of production alignment steps, while
significantly improving performance and reliability.
PHASE
8
5
6
7
SPLITTER
OSC
2
3
4
1
MXR
9
12
11
10
15
14
13
16
LOW NOISE
AMP.
IF
1,+5V
GND
N/C
GND
RF
IN
I
SET
GND
N/C
+5V
T
CKT
GND
OSC
OUT
GND
IF
2, +5V


Similar Part No. - ACD0900S3CTR

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD0900S3CTR ANADIGICS-ACD0900S3CTR Datasheet
252Kb / 4P
VHF/UHF CATV/TV Tuner Downconverter
Rev 0
More results

Similar Description - ACD0900S3CTR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
VHF/UHF CATV/TV Tuner Downconverter
Rev 0
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com