Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C182H Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C182H
Description  Precision 1-10 Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C182H Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C182H Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8165D
07/19/04
1
2
3
VSS0
4
VDD1
5
SDRAM1
6
SDRAM3
7
VSS1
8
SDRAM2
9
VDD2
10
11
12
13
14
VDD5
SDRAM6
VSS5
SDRAM5
SDRAM4
VSS4
OE
VDD3
SDRAM9
VSS3
VSSIIC
SCLOCK
27
28
26
25
24
23
22
21
20
19
18
17
16
15
VDD0
SDRAM0
BUF_IN
SDRAM8
VSS2
SDATA
VDDIIC
VDD4
SDRAM7
Diagram
Description
Pericom Semiconductor’s PI6C clock series is produced using
the company’s advanced submicron CMOS technology, achieving
industry leading speed.
The PI6C182 is a high-speed low-noise 1-10 noninverting buffer
designed for SDRAM clock buffer applications, supports frequen-
cies up to 110 MHz.
At power up all SDRAM output are enabled and active. The I2C
Serial control may be used to individually activate/deactivate any
of the 10 output drivers.
The output enable (OE) pin may be pulled low to Hi-Z state all
outputs.
Note:
Purchase of I2C components from Pericom conveys a license to
use them in an I2C system as defined by Philips.
Features
•
Low noise non-inverting 1-10 buffer
•
Supports frequency up to 125 MHz (PI6C182A)
•
Supports up to four SDRAM DIMMs
•
Low skew (<200ps) between any two output clocks
•
I2C Serial Configuration interface
•
Multiple VDD, VSS pins for noise reduction
•
3.3V power supply voltage
•
Separate Hi-Z state pin for testing
•
Packaging:
-28-pin SSOP (H)
Pin Configuration
Precision 1-10 Clock Buffer
PI6C182
SDRAM9
SDRAM2
SDRAM1
SDRAM0
BUF_IN
SDATA
OE
SCLOCK
SDRAM3
I2C
I/O


Similar Part No. - PI6C182H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
Precision 1-10 Clock Buffer
PI6C182BH PERICOM-PI6C182BH Datasheet
458Kb / 7P
Precision 1-10 Clock Buffer
PI6C182BH PERICOM-PI6C182BH Datasheet
487Kb / 7P
Precision 1-10 Clock Buffer
PI6C182BHE PERICOM-PI6C182BHE Datasheet
458Kb / 7P
Precision 1-10 Clock Buffer
PI6C182BHE PERICOM-PI6C182BHE Datasheet
487Kb / 7P
Precision 1-10 Clock Buffer
More results

Similar Description - PI6C182H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
Precision 1-18 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
Precision 1-7 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
Precision 1-7 Clock Buffer
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
Precision 1-5 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
Precision 1-5 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
Precision 1-13 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
Precision 1-10 Clock Buffer
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
1:10 Clock Fanout Buffer
logo
Pericom Semiconductor C...
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
Precision 1-10 Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com