Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT8304 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AMT8304
Description  2.125 Gb/s Integrated 850nm MSM-TIA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8304 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AMT8304 Datasheet HTML 1Page - ANADIGICS, Inc AMT8304 Datasheet HTML 2Page - ANADIGICS, Inc AMT8304 Datasheet HTML 3Page - ANADIGICS, Inc AMT8304 Datasheet HTML 4Page - ANADIGICS, Inc AMT8304 Datasheet HTML 5Page - ANADIGICS, Inc AMT8304 Datasheet HTML 6Page - ANADIGICS, Inc AMT8304 Datasheet HTML 7Page - ANADIGICS, Inc AMT8304 Datasheet HTML 8Page - ANADIGICS, Inc AMT8304 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DATA SHEET - Rev 2.0
12/2003
AMT8304
Table 2: Absolute Maximum Ratings
Table 1: Package PIN Description
Figure 2: T46F/T46L/T4TL Pin Outline (Bottom View)
ELECTRICAL CHARACTERISTICS
Stresses in excess of the absolute ratings may
cause permanent damage. Functional operation
is not implied under these conditions. Exposure
to absolute ratings for extended periods of time
may adversely affect reliability.
N
I
P
N
O
I
T
P
I
R
C
S
E
D
T
N
E
M
M
O
C
1
V
T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-
)
d
e
t
r
e
v
n
I
-
n
o
n
(
l
a
c
it
p
o
h
ti
w
’
1
’
l
a
c
i
g
o
L
t
u
p
n
i
2
V
D
D
y
l
p
p
u
S
e
v
it
i
s
o
P
-
e
g
a
tl
o
V
s
tl
o
V
3
.
3
+
3
V
T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-
)
d
e
t
r
e
v
n
I
(
l
a
c
it
p
o
h
ti
w
’
0
’
l
a
c
i
g
o
L
t
u
p
n
i
4d
n
u
o
r
Gd
e
d
n
u
o
r
g
s
i
e
s
a
C
V
D
D
V
0
.
6
P
N
I
m
B
d
5
+
T
S
5
6
-
.
p
m
e
T
e
g
a
r
o
t
S°
5
2
1
o
t
C°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com