Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA3200 Datasheet(PDF) 9 Page - Skeleton Technologies. All rights reserved.

Part # SCA3200
Description  Large supercapacitor cells
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKELETON [Skeleton Technologies. All rights reserved.]
Direct Link  www.skeletontech.com
Logo SKELETON - Skeleton Technologies. All rights reserved.

SCA3200 Datasheet(HTML) 9 Page - Skeleton Technologies. All rights reserved.

Back Button SCA3200 Datasheet HTML 2Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 3Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 4Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 5Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 6Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 7Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 8Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 9Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 10Page - Skeleton Technologies. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Mass, typical
(± 3-6 g, from small to large size)
Volume
Diameter (± 0.2 mm, including label), D1
Length (± 0.3 mm), L1
Terminal diameter, D2
Terminal length, L2
Nominal power, calculated from 10ms ESR (for comparison)
Power, matched impedance 5
Specific power, matched impedance 6
Power density, matched impedance 7
+ Capacitance 5000 F
+ Extreme power density
+ Durable and safe aluminum casings
+ Weldable terminals
+ High cycle life >1,000,000 cycles
+ High temperature tolerance
(operating and storage)
+ German quality
+ RoHS compliant
PRELIMINARY DATA SHEET
Vibration Specification
Certifications
Standards and certifications
Value
Value
Unit
Unit
V
F
F
mΩ
mΩ
mΩ
kA
3
5000
5200
0.14
0.20
0.20
3.8
ISO 16750-3, Table 12
Table 14
RoHS
Operating temperature range
Minimum
Maximum
Storage temperature range (uncharged)
Minimum
Maximum
Storage life @ RT, uncharged
Cyclelife @ RT, between V
R and VR/2
Life
Capacitance decrease 20% from rated value;
resistance increase 100% from rated value
Temperature and Life
°C
°C
°C
°C
Years
Cycles
-40
+65
-40
+50
10
1,000,000
Rated voltage V
R
Rated capacitance
Initial capacitance, typical
DC 10ms ESR rated
DC 1s ESR rated
ESR (IEC62391-1), rated
Maximum peak current, for 1
second 1, 9
General
Power
kW
kW/kg
kW/L
16.1
28.4
41.2
kg
L
mm
mm
mm
mm
0.565
0.390
60.2
138
12
3.2
Physical parameters
Nominal power, calculated from 1s ESR (for engineering)
Power, matched impedance 5
Specific power, matched impedance 6
Power density, matched impedance 7
kW
kW/kg
kW/L
11.2
19.9
28.9
Copyright © 2022 Skeleton Technologies GmbH. All rights reserved.
02-DS-220909-SKELCAP-CELLS-1D
Page 9/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com