Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT8410 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AMT8410
Description  2.5 Gb/s 1310/1550nm PIN-TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8410 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AMT8410 Datasheet HTML 1Page - ANADIGICS, Inc AMT8410 Datasheet HTML 2Page - ANADIGICS, Inc AMT8410 Datasheet HTML 3Page - ANADIGICS, Inc AMT8410 Datasheet HTML 4Page - ANADIGICS, Inc AMT8410 Datasheet HTML 5Page - ANADIGICS, Inc AMT8410 Datasheet HTML 6Page - ANADIGICS, Inc AMT8410 Datasheet HTML 7Page - ANADIGICS, Inc AMT8410 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
09/2002
VOUT
VOUT
VCC
2
4
1
3
PIN
AGC
AMT8410
2.5 Gb/s 1310/1550nm PIN-TIA
PRELIMINARY DATA SHEET - Rev 1.1
TO-46L
TO-46 Ball Lens Package
FEATURES
•
2.5 Gb/s Differential Output TIA
•
3.3 V Operation
•
Automatic Gain Control
•
55
µm 1270-1560 nm PIN Photodetector
•
2000 MHz Bandwidth
•
-23 dBm Typical Sensitivity
•
+2 dBm Optical Overload
•
TO-46 Lens Package
APPLICATIONS
•
SONET OC-48/SDH STM-16 (2.488 Gb/s)
•
2 x Fibre Channel (2.125 Gb/s)
•
2.5 Gb/s Infiniband
PRODUCT DESCRIPTION
The ANADIGICS AMT8410, packaged in a TO46
lens can, is a 3.3 V integrated photodetector and
transimpedance amplifier (TIA) used to convert a
long wavelength (1270 to 1560 nm) input optical
signal into a differential output voltage. The
AMT8410 has a bandwidth of 2000 MHz and a
dynamic range of 25 dB. These devices are readily
designed
into
receivers,
transceivers
and
transponders for SONET, Fibre Channel and
Infiniband applications.
Figure 1: Funtional Block Diagram


Similar Part No. - AMT8410

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
2.5 Gb/s 1310/1550nm PIN-TIA
Rev 0.1
AMT8412T46L4 ANADIGICS-AMT8412T46L4 Datasheet
220Kb / 4P
2.5 Gb/s 1310/1550nm PIN-TIA
Rev 0.1
AMT8412T46L5 ANADIGICS-AMT8412T46L5 Datasheet
220Kb / 4P
2.5 Gb/s 1310/1550nm PIN-TIA
Rev 0.1
More results

Similar Description - AMT8410

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
1.25Gb/s 1310/1550nm PIN-TIA
Rev 0
logo
Ericsson
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
PIN Receiver Module for 2.5 Gb/s
logo
ANADIGICS, Inc
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
1.25 Gb/s 1310/1550nm PIN-TIA
Rev 1.1
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
2.5 Gb/s 1310/1550nm PIN-TIA
Rev 0.1
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
10 Gb/s High Overload TIA
Rev 1.0
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
2.5 Gbps PIN-TIA module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com