Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT8630 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AMT8630
Description  10 Gb/s 1310/1550nm PIN-TIA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8630 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AMT8630 Datasheet HTML 1Page - ANADIGICS, Inc AMT8630 Datasheet HTML 2Page - ANADIGICS, Inc AMT8630 Datasheet HTML 3Page - ANADIGICS, Inc AMT8630 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMT8630
ADVANCED PRODUCT INFORMATION – Rev 0.0
4
01/2006
PACKAGE DIMENSIONS (mm [Inches])
1.23 [0.0485]
5.41 [0.2132]
4.76 [0.1875]
0.38 [0.0150]
3.18 [0.1251]
3.66 [0.1440]
4.71 [0.1857]
1.32 [0.0520]
0.56 [0.0219]
R0.23 [R0.0089]
R0.12 [R0.0049]
R0.23 [R0.0089]
0.89 [0.0351]
2.54 [0.1001]
1.17 [0.0461]
4x
EVALUATION BOARD
VPD
VTIA
100nF
100nF
GND
GND
100nF
100nF
RF out (P)
RF out (N)
22uF/20V
22uF/20V
GND
GND
180nH
180nH
10nF
10nF
GND
GND
330R
10nF
GND
GND
GND
VOUTP
VOUTN
GND
ORDERING INFORMATION
Part Number
PACKAGE DESCRIPTION
AMT8630-T46L
3.3V High speed 5 pin package with ball lens
AMT8630-H1
3.3V High speed 5 pin package with pigtail
AMT8630-T46L-EVA
3.3V High speed 5 pin package with ball lens mounted on evaluation board
AMT8630-H1-EVA
3.3V High speed 5 pin package with pigtail mounted on evaluation board
ANADIGICS, Inc.
829 Flynn Road
Camarillo, California 93012, U.S.A.
Tel: +1 (805) 445-4500
Fax: +1 (805) 445-4502
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any time without notice. The product specifications
contained in Advanced Product Information sheets and Preliminary Data sheets are subject to change prior to a product’s formal introduction.
Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibility for
inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of an ANADIGICS product in any such application
without written consent is prohibited.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com