Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT1921 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT1921
Description  Integrated High Power Amp 1610 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT1921 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT1921 Datasheet HTML 1Page - ANADIGICS, Inc AWT1921 Datasheet HTML 2Page - ANADIGICS, Inc AWT1921 Datasheet HTML 3Page - ANADIGICS, Inc AWT1921 Datasheet HTML 4Page - ANADIGICS, Inc AWT1921 Datasheet HTML 5Page - ANADIGICS, Inc AWT1921 Datasheet HTML 6Page - ANADIGICS, Inc AWT1921 Datasheet HTML 7Page - ANADIGICS, Inc AWT1921 Datasheet HTML 8Page - ANADIGICS, Inc AWT1921 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
08/2001
2
AWT1921
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
y
c
n
e
u
q
e
r
F0
1
6
1
5
.
6
2
6
1
z
H
M
t
u
p
t
u
O
r
e
w
o
P5
36
3m
B
d
y
c
n
e
i
c
if
f
E
d
e
d
d
A
r
e
w
o
P-
5
2%
n
i
a
G
)
3
(
7
20
3B
d
R
P
C
A
)
3
(
z
H
M
0
3
7
.
0
z
H
M
3
2
.
1
-
-
5
2
8
2
-
0
0
1c
B
d
s
c
i
n
o
m
r
a
H
d
n
2
d
r
3
h
t
4
-
-
-
5
4
-
2
5
-
5
4
-
c
B
d
s
t
u
p
t
u
o
s
u
o
ir
u
p
s
ll
a
c
B
d
0
6
-
:
y
ti
li
b
a
t
S
l
a
n
g
i
s
d
e
ri
s
e
d
o
t
e
v
it
a
l
e
r
--
1
:
3
ll
a
,
d
a
o
l
R
W
S
V
s
e
l
g
n
a
e
s
a
h
p
s
t
n
e
rr
u
C
y
l
p
p
u
S
s
a
i
B
I
S
S
I
F
E
R
I
D
D
-
-
-
5
1
5
5
1
A
m
s
t
n
e
rr
u
C
t
n
e
c
s
e
i
u
Q
I
1
Q
D
I
2
Q
D
I
3
Q
D
I
4
Q
D
-
-
-
-
0
6
0
9
0
5
1
0
0
2
-
-
-
-
A
m
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I-
1
1-
B
d
s
s
e
n
t
a
l
F
n
i
a
G
)
3
(
P
@
T
U
O
m
B
d
5
3
+
=-
8
.
0-
B
d
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
4
(
-5
.
4-
W
/
C
Table 2: Electrical Specifications(1)
(Pin with CDMA modulation, fo = 1610 – 1626.5 MHz, V
DS1 = VDS2 = VDS3
= V
DS4 = 9.0V,VSS = -5V,VREF=+5V,VDD=+5V, Tc=25C, 50 W System
(2)
)
ELECTRICAL CHARACTERISTICS
Notes:
1. As measured in ANADIGICS test fixture, see application section.
2. 50W Measurement system after off chip matching circuit, input terminated in 50W.
3. Measured at P
OUT= +35 dBm
4. Thermal Resistance for junction to bottom of slug
OUT
SUP
D
D
D
D
P
V
I
I
I
I
Tc
Tj
jc
−
+
+
+
−
Θ
)
(
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com