Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6166 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6166
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6166 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6166 Datasheet HTML 1Page - ANADIGICS, Inc AWT6166 Datasheet HTML 2Page - ANADIGICS, Inc AWT6166 Datasheet HTML 3Page - ANADIGICS, Inc AWT6166 Datasheet HTML 4Page - ANADIGICS, Inc AWT6166 Datasheet HTML 5Page - ANADIGICS, Inc AWT6166 Datasheet HTML 6Page - ANADIGICS, Inc AWT6166 Datasheet HTML 7Page - ANADIGICS, Inc AWT6166 Datasheet HTML 8Page - ANADIGICS, Inc AWT6166 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ADVANCED PRODUCT INFORMATION - Rev 0.3
01/2005
AWT6166
Table 1: Pin Description
Figure 2: Pinout (X- ray Top View)
DCS/PCS_IN
BS
T _EN
X
VBATT
VRAMP
GSM_IN
DCS/PCS_OUT
GSM_OUT
VCC_OUT
18
1
9
8
7
2
3
4
5
6
10
16
11
13
15
12
14
17
CEXT
GND
GND
GND
GND
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1N
I
_
S
C
P
/
S
C
Dt
u
p
n
I
F
R
S
C
P
/
S
C
D0
1T
U
O
_
M
S
Gt
u
p
t
u
O
F
R
0
0
9
/
0
5
8
M
S
G
2S
Bt
u
p
n
I
c
i
g
o
L
t
c
e
l
e
S
d
n
a
B1
1D
N
Gd
n
u
o
r
G
3N
E
_
x
Tt
u
p
n
I
c
i
g
o
L
e
l
b
a
n
E
X
T2
1D
N
Gd
n
u
o
r
G
4V
T
T
A
B
y
l
p
p
u
S
y
r
e
tt
a
B
n
o
it
c
e
n
n
o
C
3
1V
T
U
O
_
C
C
t
u
p
t
u
O
e
g
a
tl
o
V
l
o
r
t
n
o
C
d
e
t
c
e
n
n
o
c
e
b
t
s
u
m
h
c
i
h
w
V
o
t
2
C
C
5C T
X
E
s
s
a
p
y
B4
1D
N
Gd
n
u
o
r
G
6V
P
M
A
R
o
t
d
e
s
u
l
a
n
g
i
S
g
o
l
a
n
A
r
e
w
o
p
t
u
p
t
u
o
e
h
t
l
o
r
t
n
o
c
5
1D
N
Gd
n
u
o
r
G
7N
I
_
M
S
Gt
u
p
n
I
F
R
0
0
9
/
0
5
8
M
S
G6
1T
U
O
_
S
C
P
/
S
C
Dt
u
p
t
u
O
F
R
S
C
P
/
S
C
D
8V 2
C
C
r
o
f
t
u
p
n
I
l
o
r
t
n
o
C
C
C
V
0
0
9
/
0
5
8
M
S
G
r
e
if
il
p
m
a
-
e
r
P
7
1D
N
Gd
n
u
o
r
G
9D
N
Gd
n
u
o
r
G8
1V 2
C
C
V C
C
r
o
f
t
u
p
n
I
l
o
r
t
n
o
C
S
C
P
/
S
C
D
r
e
if
il
p
m
a
-
e
r
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com