Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6166R Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6166R
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6166R Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6166R Datasheet HTML 1Page - ANADIGICS, Inc AWT6166R Datasheet HTML 2Page - ANADIGICS, Inc AWT6166R Datasheet HTML 3Page - ANADIGICS, Inc AWT6166R Datasheet HTML 4Page - ANADIGICS, Inc AWT6166R Datasheet HTML 5Page - ANADIGICS, Inc AWT6166R Datasheet HTML 6Page - ANADIGICS, Inc AWT6166R Datasheet HTML 7Page - ANADIGICS, Inc AWT6166R Datasheet HTML 8Page - ANADIGICS, Inc AWT6166R Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
02/2006
PRODUCT DESCRIPTION
As with previous generations, the AWT6166R
integrated CMOS power control scheme simplifies
the design of the transmitter by eliminating the need
for external power control circuitry.
The AWT6166R input and output terminals are
internal matched to 50 ohms and DC blocked,
AWT6166R
GSM850/GSM900/DCS/PCS
Quad Band Power Amplifier Module
With Integrated Power Control
Data Sheet - Rev 2.0
M15 Package
18 Pin 6 mm x 6 mm x 1.3 mm
Amplifier Module
FEATURES
•
Integrated Vreg (regulated supply)
•
Harmonic Performance
≤ -20 dBm
•
High Efficiency (PAE) at Pmax:
-GSM850, 53%
-GSM900, 55%
-DCS, 53%
-PCS, 53%
•
+35 dBm GSM850/900 Output Power at 3.5 V
•
+33 dBm DCS/PCS Output Power at 3.5 V
•
55 dB Dynamic Range
•
GPRS Class 12 Capable
•
RoHS Compliant Package, 250°C MSL-3
APPLICATIONS
•
Dual/Tri/Quad Band Handsets & PDAs
CMOS BIAS/Integrated Power Control
V
CC2
H(s)
V
CC2
DCS/PCS
IN
GSM850/900
IN
GSM850/900
OUT
DCS/PCS
OUT
V
CC_OUT
B
S
TX
EN
V
BATT
C
EXT
V
RAMP
MATCH
MATCH
MATCH
MATCH
reducing the number of external components
required in the final application.
Both PA die,
GSM850/900 and DCS/PCS, are fabricated using
state of the art InGaP HBT technology, known for it is
proven reliability and temperature stability.
Figure 1: Block Diagram


Similar Part No. - AWT6166R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 0.3
More results

Similar Description - AWT6166R

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4014 TRIQUINT-TQM7M4014 Datasheet
207Kb / 8P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
ANADIGICS, Inc
AWT6108R ANADIGICS-AWT6108R Datasheet
276Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 1.0
AWT6123 ANADIGICS-AWT6123 Datasheet
214Kb / 10P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier
Rev 0.7
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 0.3
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.7
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.3
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com