Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6167 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6167
Description  GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6167 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6167 Datasheet HTML 1Page - ANADIGICS, Inc AWT6167 Datasheet HTML 2Page - ANADIGICS, Inc AWT6167 Datasheet HTML 3Page - ANADIGICS, Inc AWT6167 Datasheet HTML 4Page - ANADIGICS, Inc AWT6167 Datasheet HTML 5Page - ANADIGICS, Inc AWT6167 Datasheet HTML 6Page - ANADIGICS, Inc AWT6167 Datasheet HTML 7Page - ANADIGICS, Inc AWT6167 Datasheet HTML 8Page - ANADIGICS, Inc AWT6167 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
01/2005
PRODUCT DESCRIPTION
As with previous generations, the AWT6167
integrated CMOS power control scheme simplifies
the design of the transmitter by eliminating the need
for external power control circuitry.
The AWT6167 input and output terminals are internal
matched to 50 ohms and DC blocked, reducing the
AWT6167
GSM900/DCS
Dual Band Power Amplifier Module
With Integrated Power Control
ADVANCED PRODUCT INFORMATION - Rev 0.1
18 Pin
6 mm x 6 mm x 1.3 mm
Amplifier Module
FEATURES
•
Integrated Vreg (regulated supply)
•
Harmonic Performance
≤ -25 dBm
•
High Efficiency (PAE) at Pmax:
-GSM900, 56 %
-DCS, 53 %
•
+35 dBm GSM900 Output Power at 3.5 V
•
+33 dBm DCS Output Power at 3.5 V
•
55 dB dynamic range
•
GPRS Class 12 Capable
APPLICATIONS
•
Dual Band Handsets & PDAs
number of external components required in the final
application.
Both PA die, GSM900 and DCS, are
fabricated using state of the art InGaP HBT
technology, known for it is proven reliability and
temperature stability.
Figure 1: Block Diagram
CMOS BIAS/Integrated Power Control
V
CC2
H(s)
V
CC2
DCS
IN
GSM900
IN
GSM900
OUT
DCS
OUT
V
CC_OUT
B
S
TX
EN
V
BATT
V
REG
V
RAMP
MATCH
MATCH
MATCH
MATCH
AWT6167
AWT6167


Similar Part No. - AWT6167

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6167R ANADIGICS-AWT6167R Datasheet
281Kb / 12P
GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
Rev 1.0
AWT6167RM15P8 ANADIGICS-AWT6167RM15P8 Datasheet
281Kb / 12P
GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
Rev 1.0
More results

Similar Description - AWT6167

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6108R ANADIGICS-AWT6108R Datasheet
276Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 1.0
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 0.3
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
AWT6167R ANADIGICS-AWT6167R Datasheet
281Kb / 12P
GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
Rev 1.0
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.7
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.3
logo
RF Micro Devices
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
DUAL-BAND GSM900/DCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com